Electronic Components Datasheet Search
  English  ▼

X  

TCP8680 Datasheet(PDF) 26 Page - Hosiden Corporation

Part # TCP8680
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8680 Datasheet(HTML) 26 Page - Hosiden Corporation

Back Button TCP8680 Datasheet HTML 22Page - Hosiden Corporation TCP8680 Datasheet HTML 23Page - Hosiden Corporation TCP8680 Datasheet HTML 24Page - Hosiden Corporation TCP8680 Datasheet HTML 25Page - Hosiden Corporation TCP8680 Datasheet HTML 26Page - Hosiden Corporation TCP8680 Datasheet HTML 27Page - Hosiden Corporation TCP8680 Datasheet HTML 28Page - Hosiden Corporation TCP8680 Datasheet HTML 29Page - Hosiden Corporation TCP8680 Datasheet HTML 30Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
25
Unit:mm
TCS61□6 Series
TCS61□0 Series
Horizontal Sockets (Quick Lock Type)
h=6.5mm
h=6.5mm
TCS6180-0110177
EMI-Proof
TCS6186-0123177
EMI-Proof
15
14
M2.6×0.45TAP
15
7
14
1.3 min.
Notes:
Combinations with plugs.
1. Can be fit with the TCP6100 series.
2. The combinations of the 8P (a) plug and the 7P socket are not designed for
error connecting prevention.
Contact Arrangement
4
5a
6
7
8a
4
2
1
3
5
1
2
3
4
6
5
4
3
1
2
7
5
6
4
3
1
2
8
6
7
5
4
3
1
2
TCS61□0 Series
TCS6140-0110177
TCS6150-0110177
TCS6160-0110177
TCS6170-0110177
TCS6180-0110177
TCS61□6 Series
TCS6146-0123177
TCS6156-0123177
TCS6166-0123177
TCS6176-0123177
TCS6186-0123177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com