Electronic Components Datasheet Search
  English  ▼

X  

IMX287LLR Datasheet(PDF) 1 Page - Sony Corporation

Part # IMX287LLR
Description  CMOS Image Sensors with 3.45 μm and 6.9 μm Pixels and Global Shutter Function for Industrial and Sensing Applications ustrial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

IMX287LLR Datasheet(HTML) 1 Page - Sony Corporation

  IMX287LLR Datasheet HTML 1Page - Sony Corporation IMX287LLR Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
We have developed a new lineup of CMOS image sensors for
industrial applications. This lineup includes optical size-type
1/2.9 CMOS image sensors with approximately 1.58M effective
pixels that enable high resolution and high-speed imaging
without distortion, and CMOS image sensors with approxi-
mately 0.4M effective pixels that achieve even higher resolu-
■
Global shutter function
■
High frame rate
■
A variety of functions (external trigger mode, multiple exposure function,
ROI mode, multiple image sensor synchronization function, etc.)
■
Compact device size (14 mm × 14 mm)
■
Expanded lineup (3.45 μm pixel and 6.9 μm pixel, Sub LVDS, MIPI interface
(CSI-2-compliant), etc.)
Global shutter function (IMX273LLR/LQR, IMX287LLR/LQR, IMX296LLR, IMX297LLR)
High frame rate (IMX273LLR/LQR, IMX287LLR/LQR)
High resolution (IMX273LLR/LQR, IMX296LLR)
tion and higher-speed imaging by increasing the pixel size.
The lineup includes monochrome products that use a MIPI
interface (CSI-2-compliant) for sensing applications.
All of the products in this lineup use the same package to
ensure pin compatibility, enabling camera design using the
same footprint pattern for the drive board.
Industrial applications require accurate imaging of fast-moving
subjects, however conventional rolling shutter-type image sensors
have problems properly capturing fast-moving subjects due to issues
such as flash bands and distortion of the subject due to focal plane
phenomena. Equipped with a global shutter function, enables
high-quality image capture that is not affected by focal plane distortion
or flash bands (Photo-2).
In response to the growing demand for higher frame rates for industrial
applications, the column-parallel A/D conversion technology of Sony's
CMOS image sensors was used to realize a frame rate of up to 226.5
frame/s (ADC 10-bit) for the IMX273LLR/LQR, and up to 436.9 frame/s
(ADC 10-bit) for the IMX287LLR/LQR. This made it possible to further
increase the processing speed for industrial applications.
These type 1/2.9 optical size CMOS image sensors equipped with a
global shutter function have approximately 1.58M effective pixels. This
results in a smaller pixel size compared to competing products, but
these products also realize high picture quality (Photo-1). This
enables use for defect and scratch inspection processes that require
higher resolution in addition to typical machine vision camera
applications such as scanning barcodes and checking specific
shapes.
2
High sensitivity (IMX287LLR/LQR, IMX297LLR)
Use of a 6.9 μm pixel size achieves sensitivity four times that of the
IMX273LLR/LQR and IMX296LLR. This means that the same sensor output
can be obtained even with a shorter shutter time, making it possible to
increase inspection speeds in factories. In addition, high sensitivity is
achieved even in the near-infrared wavelength band that generally has low
quantum efficiency, thereby realizing superior performance.
MIPI interface (CSI-2-compliant) (IMX296LLR, IMX297LLR)
Due to increasing sensing application demand, these products use a
MIPI interface (CSI-2-compliant) as the output interface. This facilitates
diversion as a design platform for cellular device cameras and
surveillance cameras, and helps to reduce product introduction cost.
A variety of functions (IMX273LLR/LQR, IMX287LLR/LQR, IMX296LLR, IMX297LLR)
These products are equipped with a variety of functions, such as
trigger mode, that are needed for industrial application cameras.
Various exposure methods are provided for Trigger mode, which
controls the exposure time using an external pulse, such as Fast
Trigger mode, which reduces the delay from trigger input until the start
of exposure, Multi Exposure mode, and other modes. Regarding
functions that simultaneously control multiple cameras, in addition to
conventional functions that use trigger input, an image sensor
synchronization function has been newly introduced that uses sync
signals output by the image sensor set as the master to control sensors
set as slaves. Furthermore, the IMX273LLR/LQR supports ROI
mode, which crops and outputs arbitrary areas in 4 (2×2) locations.
CMOS Image Sensors with 3.45 μm and 6.9 μm Pixels and Global Shutter Function for Industrial and Sensing Applications
IMX287LLR/LQR
IMX287LLR/LQR
IMX297LLR
IMX297LLR
ustrial and Sensing Applications
QR
QR
Diagonal 6.3 mm (Type 1/2.9) Approx.
0.4 M-Effective Pixel Monochrome/Color
CMOS Image Sensor (Sub LVDS I/F)
Diagonal 6.3 mm (Type 1/2.9) Approx.
0.4 M-Effective Pixel Monochrome
CMOS Image Sensor (MIPI I/F)
Diagonal 6.3 mm (Type 1/2.9) Approx.
1.58M-Effective Pixel Monochrome/Color
CMOS Image Sensor (Sub LVDS I/F)
IMX273LLR/LQR
IMX273LLR/LQR
Diagonal 6.3 mm (Type 1/2.9) Approx.
1.58M-Effective Pixel Monochrome
CMOS Image Sensor (MIPI I/F)
IMX296LLR
IMX296LLR
Exmor is a registered trademark or trademark of Sony Group Corporation or its affiliates. The Exmor is a
version of Sony's high performance CMOS image sensor with high-speed processing, low noise and low power
dissipation by using column-parallel A/D conversion.
Pregius is a registered trademark or trademark of Sony Group Corporation or its affiliates. The Pregius is global
shutter pixel technology for active pixel-type CMOS image sensors that use Sony’s low-noise CCD structure,
and realizes high picture quality.
*
*


Similar Part No. - IMX287LLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX28AEC FREESCALE-IMX28AEC Datasheet
921Kb / 72P
Processors Data Sheet for Automotive Products High assurance boot
IMX28CEC FREESCALE-IMX28CEC Datasheet
665Kb / 70P
Processors Data Sheet for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
More results

Similar Description - IMX287LLR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
XGS ONSEMI-XGS Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com