Electronic Components Datasheet Search
  English  ▼

X  

IMX287LLR Datasheet(PDF) 2 Page - Sony Corporation

Part # IMX287LLR
Description  CMOS Image Sensors with 3.45 μm and 6.9 μm Pixels and Global Shutter Function for Industrial and Sensing Applications ustrial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

IMX287LLR Datasheet(HTML) 2 Page - Sony Corporation

  IMX287LLR Datasheet HTML 1Page - Sony Corporation IMX287LLR Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sony reserves the right to change products and specifications without prior notice.
"Sony", "SONY" logo are registered trademarks or trademarks of Sony Group Corporation or its affiliates.
<Photograph 1> Image sample
Condition: 20 lx F 4.0 (ADC 10-bit mode, 30 frame/s, internal gain 18 dB)
IMX273
(3.75 μm pixels approx. 1.55M effective pixels)
Competing product A
(4.8 μm pixels approx. 1.31M effective pixels)
Competing product B
(4.5 μm pixels approx. 1.92M effective pixels)
<Photograph 2>
Global Shutter vs. Rolling Shutter
<Table 1> Device Structure
Item
IMX273LLR/LQR, IMX296LLR
IMX287LLR/LQR, IMX297LLR
Output image size
Number of effective pixels
Unit cell size
Optical blacks
Horizontal
Vertical
Input drive frequency
Output Interface
Package
Supply voltage VDD (Typ.)
Diagonal 6.3 mm (Type 1/2.9)
progressive scan mode
1456 (H) × 1088 (V)
approx. 1.58M pixels
3.45 μm (H) × 3.45 μm (V)
Front: 0 pixels, rear: 0 pixels
Front: 10 pixels, rear: 0 pixels
138-pin LGA
3.3 V / 1.8 V / 1.2 V
37.125 MHz / 54.0 MHz / 74.25 MHz
Sub LVDS 8 ch (IMX273LLR/LQR)
MIPI CSI-2 1lane (IMX296LLR)
Diagonal 6.3 mm (Type 1/2.9)
progressive scan mode
728 (H) × 544 (V)
approx. 0.4M pixels
6.9 μm (H) × 6.9 μm (V)
Front: 0 pixels, rear: 0 pixels
Front: 10 pixels, rear: 0 pixels
138-pin LGA
3.3 V / 1.8 V / 1.2 V
37.125 MHz / 54.0 MHz / 74.25 MHz
Sub LVDS 4 ch (IMX287LLR/LQR)
MIPI CSI-2 1lane ( IMX297LLR)
<Table 3> Basic Drive Mode
Drive mode
Product name
Recommended number of recording pixels
12
10
Progressive scan
8
12
10
8
10
IMX273LLR/LQR
IMX287LLR/LQR
IMX296LLR
IMX297LLR
165.9
226.5
276.0
319.9
436.9
523.5
60.3
120.8
ADC [bit]
Frame rate
(Max.) [frame/s]
<Table 2> Image Sensor Characteristics
Item
IMX273
IMX296LLR
IMX297LLR
IMX287
Remarks
Sensitivity (monochrome)
Sensitivity (color)
Saturation signal
Typ. [F8]
Typ. [F5.6]
Min.
915 mV
915 mV
3660 mV
3660 mV
1001 mV
2002 mV
1146 mV
_
4584 mV
1001 mV
2002 mV
_
3200 K, 706 cd/m
2
1/30s accumulation
Tj = 60 °C
1456 (H) × 1088 (V)
approx. 1.58M pixels
1456 (H) × 1088 (V)
approx. 1.58M pixels
728 (H) × 544 (V)
approx. 0.4M pixels
728 (H) × 544 (V)
approx. 0.4M pixels
GS
RS
Image Sensors for Industrial Applications:
https://www.sony.net/cis-industry



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com