Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32G4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN32G4
Description  STSPIN32G4 demonstration board for three-phase brushless motors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN32G4 Datasheet HTML 1Page - STMicroelectronics STSPIN32G4 Datasheet HTML 2Page - STMicroelectronics STSPIN32G4 Datasheet HTML 3Page - STMicroelectronics STSPIN32G4 Datasheet HTML 4Page - STMicroelectronics STSPIN32G4 Datasheet HTML 5Page - STMicroelectronics STSPIN32G4 Datasheet HTML 6Page - STMicroelectronics STSPIN32G4 Datasheet HTML 7Page - STMicroelectronics STSPIN32G4 Datasheet HTML 8Page - STMicroelectronics STSPIN32G4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
•
Input bus voltage from 10 V to 75 V with dedicated monitoring
•
Power stage based on the STL110N10F7 power MOSFETs with output current
up to 20 Arms (with heatsink mounted) and protected to overcurrent conditions
•
STSPIN32G4, high performance three-phase motor controller with embedded
STM32G431 MCU:
–
32-bit ARM® Cortex®-M4 MCU+FPU
–
Up to 170 MHz clock frequency
–
CORDIC mathematical hardware accelerator for trigonometric functions
–
128 kB Flash memory with proprietary code readout protection (PCROP),
securable memory area, 1 kB OTP
–
32 kB SRAM memory with HW parity check
–
2 x advanced timers for motor control, 16-bit with up to 6 x PWM channels
each
–
8 x general purpose timers
–
2 x ADCs 12-bit resolution (up to 19 channels) with 4 Msps conversion rate
–
4 x 12-bit DAC channels
–
4 x ultra-fast rail-to-rail comparators
–
3 x rail-to-rail operational amplifiers usable also in PGA mode
–
Internal high precision voltage reference
–
Up to 40 GPIOs
–
Full set of interfaces: I2C, SPI, UART and CAN
–
VCC buck converter up to 200 mA, with programmable output and
embedded MOSFET
–
3.3 V LDO linear regulator up to 150 mA
–
Low quiescent linear regulator for MCU supply in standby mode
–
Regulators with full set of protection features; thermal shutdown, short-
circuit and overload protections
–
75 V rated gate drivers with 1 A sink/source current and embedded
bootstrap diodes
–
Drain-source voltage sensing of each power MOSFET
•
Three-shunt or single-shunt configurable current sensing
•
Digital Hall sensor and quadrature encored input
•
ST-LINK/V2 programmer and debugger
•
Arduino UNO connector
•
Predisposition for CAN bus
•
NTC sensor for power stage temperature monitoring
Application
•
Industrial and home automation
•
Home appliances such as vacuum cleaners, dryers and cleaning robots
•
Servo drives and e-bikes
•
Service and automation robots
Product status link
EVSPIN32G4
EVSPIN32G4NH
STSPIN32G4
STSPIN32G4 demonstration board for three-phase brushless motors
EVSPIN32G4, EVSPIN32G4NH
Data brief
DB4420 - Rev 1 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSPIN32G4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
STSPIN32G4TR STMICROELECTRONICS-STSPIN32G4TR Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
More results

Similar Description - STSPIN32G4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com