Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32G4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN32G4
Description  STSPIN32G4 demonstration board for three-phase brushless motors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 6Page - STMicroelectronics STSPIN32G4 Datasheet HTML 7Page - STMicroelectronics STSPIN32G4 Datasheet HTML 8Page - STMicroelectronics STSPIN32G4 Datasheet HTML 9Page - STMicroelectronics STSPIN32G4 Datasheet HTML 10Page - STMicroelectronics STSPIN32G4 Datasheet HTML 11Page - STMicroelectronics STSPIN32G4 Datasheet HTML 12Page - STMicroelectronics STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Table 2. EVSPIN32G4 bill of materials
Item
Q.ty
Reference
Description
Value
1
1
CN5
Sil socket straight 10 pos, 2.54 mm
Strip-P2_54-10P-female
2
2
CN6, CN9
Sil socket straight 8 pos, 2.54 mm
Strip-P2_54-8P-female
3
1
CN8
Sil socket straight 6 pos, 2.54 mm
Strip-P2_54-6P-female
4
1
CON1
5.0 mm horizontal entry screwless connector
2834082-2-TE
5
1
CON2
5.0 mm horizontal entry screwless connector
2834082-1-TE
6
1
C1
SMT ceramic capacitor 0805
10 uF, 25 V, 10%
7
4
C2, C13, C14, C15
SMT ceramic capacitor 0805
220 nF, 100 V, 10%
8
4
C3, C22, C23, C24
SMT ceramic capacitor 0603
N.M.
9
2
C4, C5
SMT ceramic capacitor 0402
6.8 pF, 6.3 V, 0.25 pF
10
1
C6
SMT ceramic capacitor 0805
10 uF, 6.3 V, 10%
11
16
C7, C9, C11, C12,
C28, C29, C30, C40,
C42, C43, C45, C50,
C51, C52, C53, C54
SMT ceramic capacitor 0603
100 nF, 6.3 V, 10%
12
4
C8, C10, C44, C46
SMT ceramic capacitor 0603
1 uF, 6.3 V, 10%
13
3
C16, C17, C18
SMT ceramic capacitor 0805
1 uF, 25 V, 10%
14
3
C19, C20, C21
SMT ceramic capacitor 0603
33 nF, 6.3 V, 10%
15
3
C25, C26, C27
SMT ceramic capacitor 0603
82 nF, 6.3 V, 5%
16
3
C31, C32, C33
THT electrolytic capacitor D500p200
220 uF, 100 V, 20%
17
5
C34, C35, C36, C38,
C39
SMT ceramic capacitor 0603
1 nF, 6.3 V, 10%
18
1
C37
SMT ceramic capacitor 0603
100 nF, 25 V, 10%
19
1
C41
SMT ceramic capacitor 0603
N.M.
20
1
C47
SMT ceramic capacitor 0603
10 nF, 6.3 V, 10%
21
2
C48, C49
SMT ceramic capacitor 0603
100 pF, 6.3 V, 10%
22
1
D1
High voltage power schottky rectifier
STPS1H100A, 100 V
23
6
D2, D3, D4, D5, D6,
D7
Small signal schottky diode
BAT48, 40 V
24
7
D8, D9, D10, D11,
D12, D13, D14
Small signal schottky diodes
BAT30K, 30 V
25
1
HS1(1)
Heatsink
RAWA410-0
26
2
JP1, JP2
SMT jumper
Open
27
1
J1
Jumper
Open
28
1
J2
Strip connector 2 pos, 2.54 mm
Strip 1x2
29
2
J3, J9
Strip connector 2x5, pitch 2.54 mm
Strip 2x5
30
1
J4
Strip connector 3 pos, 2.54 mm
Strip 1x3
31
1
J5
Strip connector 7 pos, 2.54 mm
Strip 1x7
32
1
J6
Strip connector 5 pos, 2.54 mm
Strip 1x5
33
1
J7
Strip connector 4 pos, 2.54 mm
N.M.
34
1
J8
USB receptacle-MINI B
Micro USB type B
35
1
LED1
WL-SMCW SMT Mono-color chip LED Waterclear
Red
36
2
LED2, LED3
WL-SMCW SMT Mono-color chip LED Waterclear
Yellow
EVSPIN32G4, EVSPIN32G4NH
Specifications
DB4420 - Rev 1
page 10/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com