Electronic Components Datasheet Search
  English  ▼

X  

AP130 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP130
Description  300mA Low Dropout (LDO) Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP130 Datasheet(HTML) 4 Page - Anachip Corp

  AP130 Datasheet HTML 1Page - Anachip Corp AP130 Datasheet HTML 2Page - Anachip Corp AP130 Datasheet HTML 3Page - Anachip Corp AP130 Datasheet HTML 4Page - Anachip Corp AP130 Datasheet HTML 5Page - Anachip Corp AP130 Datasheet HTML 6Page - Anachip Corp AP130 Datasheet HTML 7Page - Anachip Corp AP130 Datasheet HTML 8Page - Anachip Corp AP130 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
4/9
Typical Characteristics
AP130 PSRR V.S. Frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1K
10K
100K
1M
Frequency (Hz)
PSRR V.S. Frequency
AP130 GND Current V.S. Input Voltage
0
5
10
15
20
25
30
35
40
45
50
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
Input Voltage (V)
GND Current V.S. Input Voltage
AP130 Vout V.S. Load Current
3.31
3.315
3.32
3.325
3.33
3.335
3.34
3.345
3.35
0
30 60 90 120 150 180 210 240 270 300
Load Current
Vout V.S. Load Current
AP130 Dropout V.S. Load
0
0.05
0.1
0.15
0.2
0.25
0.3
0
50
100
150
200
250
300
350
Load (Io) (mA)
Dropout V.S. Load



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com