Electronic Components Datasheet Search
  English  ▼

X  

AP130 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP130
Description  300mA Low Dropout (LDO) Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP130 Datasheet(HTML) 3 Page - Anachip Corp

  AP130 Datasheet HTML 1Page - Anachip Corp AP130 Datasheet HTML 2Page - Anachip Corp AP130 Datasheet HTML 3Page - Anachip Corp AP130 Datasheet HTML 4Page - Anachip Corp AP130 Datasheet HTML 5Page - Anachip Corp AP130 Datasheet HTML 6Page - Anachip Corp AP130 Datasheet HTML 7Page - Anachip Corp AP130 Datasheet HTML 8Page - Anachip Corp AP130 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
3/9
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Input voltage
-0.1 to +7
V
TOP
Operating junction temperature range
-40 to +125
ºC
TST
Storage temperature range
-65 to +150
ºC
Power dissipation, PD @TA=25ºC
TO-92
+0.6
W
SOT-89
+0.5
W
PD
SOT-23
+0.25
W
Package thermal resistance
TO-92
+100
ºC/W
SOT-89
+100
ºC/W
θJA
SOT-23
+250
ºC/W
Electrical Characteristics
TA=25ºC, CIN=1µF, COUT=10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDROP
Dropout voltage (Note 1)
IL=300mA
--
400
500
mV
ILIMIT
Current Limit (Note 2)
VIN=5V,VOUT=0V
350
450
--
mA
∆VLINE
Line regulation
IL=1mA, VIN=5~7V
--
0.1
0.3
%
PSRR
Ripple Rejection
F=100Hz,
CIN=1μF, CO=10uF,
IL=100mA
--
58
--
dB
∆VLOAD
Load regulation (Note 3)
IL=1~300mA, VIN=5V
--
30
40
mV
Output voltage accuracy
IL=1mA, VIN=5V
-2
--
+2
%
∆VOUT
Output voltage temperature coefficient
(Note 4)
--
50
150
PPM/ºC
ISB
Standby current
IL=0, VIN=5V
--
50
100
μ
A
Note 1. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by
using pulsed ON time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
Note 2. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 3. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 4. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com