Electronic Components Datasheet Search
  English  ▼

X  

LP-A070 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LP-A070
Description  Color LCD Logic Panel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP-A070 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LP-A070 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP-A070 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP-A070 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-|TransparentGuide|-
CautionsduringUse
• Followinstructionsin‘CautionsduringUse’.Otherwise,Itmaycauseunexpectedaccidents.
• Powersupplyshouldbeinsulatedandlimitedvoltage/currentorClass2,SELV
powersupplydevice.
• Installapowerswitchorcircuitbreakerintheeasilyaccessibleplaceforsupplyingor
disconnectingthepower.
• Operatetheproductaftersupplyingpowertotheproduct,input/outputequipment,and
load.Ifoperateproductbeforesupplyingpower,itmayresultinoutputerrorormalfunction.
• UseaUSBcablewithin2m.
• Keepawayfromhighvoltagelinesorpowerlinestopreventinductivenoise.
Donotuseneartheequipmentwhichgeneratesstrongmagneticforceorhighfrequency
noise.
• Makearequiredspacearoundtheunitforradiationofheat,anddonotblockventilation
openings.
• Donotpushthetouchpanelwithahardandsharpobjectorpushthepanelwithexcessive
force.Itmayresultinfireormalfunction.
• WhenskinissmearedwithliquidcrystalfromthebrokenLCD,rinsewithrunningwaterfor
over15minutes.Ifitgetsintotheeyes,rinseeyeswithrunningwaterforover15minutesand
contactadoctor.
• Whenchangingthebattery,contactAutonicsservicecentertochangeit.
Usingunauthenticbatterymayresultinfireorproductdamage.
• Thisunitmaybeusedinthefollowingenvironments.
-Indoors(intheenvironmentconditionratedin‘Specifications’)
-Altitudemax.2,000m
-Pollutiondegree2
-InstallationcategoryII
CautionsduringPowerWiring
• Donotapplypowerbeforepowerlineconnection.
• Checkpowerpolarity.
• Forpowersupply,usethewireofwhichcrosssectionisatleast0.75mm²andusethewire
ofwhichcrosssectionisatleast1.25mm²forgrounding.
• Useringcrimpterminalwithatleast3mmofinternaldiameterandlessthan6mmof
externaldiameter.
• Tightentheterminalscrewwith0.5to0.8N·mtorque.
• Groundresistanceshouldbelessthan100Ωandgrounditseparately.
❶Screensize
070:7.0inch
104:10.4inch
❷Interface
Series ❷ RS232C RS422 CAN MicroSD USB
HOST USB
Device Ethernet
LP-A070 6 1
1
-
-
1
1
1
7
2
-
-
-
LP-A104 8 1
1
1
1
9
2
-
1
1
❸I/Oconfiguration
5:7.0inch-input16-point,output16-point
6:10.4inch-input32-point,output32-point
❹I/Oconnectortype
R:Ribboncableconnector
T:Terminalblockconnector
OrderingInformation
Thisisonlyforreference,theactualproductdoesnotsupportallcombinations.
Forselectingthespecifiedmodel,followtheAutonicswebsite.
LP - A ❶ - T 9 D ❷ - C ❸ ❹
Manual
Forthedetailedinformationandinstructions,pleaserefertothemanuals,andbesuretofollow
cautionswritteninthetechnicaldescriptions.
VisitAutonicswebsitetodownloadmanuals.
• LP-ASeriesusermanual
ItdescribesgeneralinformationaboutinstallationandsystemofLP-ASeries.
• atDesignerusermanual
ItdescribeshowtodesignuserscreenandhowtouseHMIfunction.
• atLogicusermanual,atLogicprogrammingmanual
ItdescribeshowtoinstallanduseatLogic,howtoprogram,andcommandsforLPSeries.
• GP/LPusermanualforcommunication
ItdescribeshowtoconnectwithexternaldevicessuchasPLC.
ProductComponents
• Logicpanel+builtinbattery
• 7.0inch:4fixingbrackets
• 10.4inch:6fixingbrackets,CANconnector
• Soldseparately:communicationcable
LP-A070-T9D□-C5□
LP-A104-T9D□-C6□
Screensize
7.0inch
10.4inch
LCDtype
TFTColorLCD
Resolution
800×480pixel
800×600pixel
Displayarea
154.4×93.44mm
211.2×158.4mm
Displaycolor
16,777,216color
LCDviewangle
(top/bottom/left/right) Within50°/60°/65°/65°ofeach
Within60°/70°/80°/70°ofeach
Backlight
WhiteLED
Luminanceadjustment
Adjustablebysoftware
Touch
Resistivetype(4-wire)
Input
16-point
32-point
Insulationmethod
Photocouplerinsulation
Ratedinputvoltage
24VDCᜡ
Ratedinputcurrent
X0toX8:≈10mA,X9toXF:≈4mA X0toX8:≈10mA,X9toX1F:≈4mA
Voltagerange
19.2-28.8VDCᜡ
Inputresistance
X0toX8:3.3㏀,X9toXF:5.6㏀
X0toX8:3.3㏀,X9toX1F:5.6㏀
Responsetime
0.5ms
Commonmethod
16-point/1COM
16-point/1COM,16-point/1COM
Applicablewire
Strandedwire0.3to0.7mm2
Output
16-point
32-point
Powersupply
24VDCᜡ
Insulationmethod
Photocouplerinsulation
Ratedloadvoltage
24VDCᜡ
Loadvoltagerange
19.2-28.8VDCᜡ
Max.loadcurrent
0.1A/1-point,1.6A/1COM
Max.voltagefallingwhenON ≤0.2VDCᜡ
Commonmethod
16-point/1COM
16-point/1COM,16-point/1COM
Applicablewire
Strandedwire0.3to0.7mm2
Approval
ᜢᜣ
Unitweight(package)
≈540g(≈742g)
≈1.10kg(≈1.66kg)
Specifications
Language
Korean,English
Text
Bitmapandvectorfont
Memoryforuserscreen
64MB
Numberofuserscreen
100pages
Command
Basiccommand:28,applicationcommand:236
Programcapacity
8Kstep
Processingspeed
Average:approx.1㎲/basiccommand,applicationcommand
I/Ocontrolmethod
Batchprocessing
Computercontrol
method
Repeated-doublingmethod,interruptprocessing
Devicerange
Referto‘LP-ASeriesusermanual’
Specialfunction
Positioningfunction,motioncoltroller,highspeedcounter
Powersupply
24VDCᜡ
Allowablevoltage
range
90to110%ofpowersupply
Powerconsumption
7.0inch:≤7.2W,10.4inch:≤8.0W
Insulatedresistance
≥100MΩ(500VDCᜡmegger)(betweenallterminalsandcase)
Ground
3rdgrounding(≤100Ω)
Noiseimmunity
Thesquarewavenoise(pulsewidth:1㎲)bythenoisesimulator±0.5kV
Dielectricstrength
500VACᜠ50/60Hzfor1minute(betweenallterminalsandcase)
Vibration
0.75doubleamplitudeatfrequencyof10to55HzineachX,Y,Z
directionfor1hour
Vibration(malfunc-
tion)
0.5doubleamplitudeatfrequencyof10to55HzineachX,Y,Z
directionfor10minutes
Shock
147m/s²(approx.15G)ineachX,Y,Zdirectionfor3times
Shock(malfunction)
100m/s²(approx.10G)ineachX,Y,Zdirectionfor3times
Ambienttemperature
0to50℃,storage:-20to60℃(anonfreezingorcondensationenvironment)
Ambienthumidity
35to85%RH,storage:35to85%RH(anonfreezingorcondensation
environment)
Protectionstructure
IP65(frontpanel,IECstandard)
Serialinterface
RS232C,RS422
USBinterface
USBHost,USBDevice(USB2.0)
Ethernetinterface
IEEE802.3(U),10/100Base-T
CANinterface
24VCANtransceiver
Externalstorage
MicroSDupto32GB(FAT16/32)
Real-timecontroller
RTCembedded
Batterylifecycle
3yearsat25℃
Supportiveinterfacecanbedifferentuptomodel.Pleasereferto‘OrderingInformation’forthesupportiveinterfacepermodel
and‘LP-ASeriesusermanual’and‘GP/LPusermanualforcommunication’forthedetailedinformationabouteachinterface.
Forthedetailedinformationaboutpinnumberandothers,pleasereferto'LP-Ausermanual'.
I/OConnectionDiagram
■ 7.0inch
Input(sourcetype)
Output(sinktype)
COM+
Xn
COM-
COM+
Yn
■ 10.4inch
Input(sourcetype)
Output(sinktype)
COM+
Xn
COM+
Xn
COM-
COM+
Yn
COM-
COM+
Yn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com