Electronic Components Datasheet Search
  English  ▼

X  

LP-A070 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LP-A070
Description  Color LCD Logic Panel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP-A070 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LP-A070 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP-A070 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP-A070 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
18,Bansong-ro513Beon-gil,Haeundae-gu,Busan,RepublicofKorea,48002
www.autonics.com | +82-51-519-3232 | sales@autonics.com
-|TransparentGuide|-
ProgramStatusIndicator
Indicator
Programstatus
Color
Status
Green
ON
Run
Green
Flashing Pause
Red
Flashing Error
7.0inch:orange
10.4inch:red ON
atLogicdebugging
<7.0inch>
<10.4inch>
Installation
1.Settheproductinpanel.(panelthickness:≤4mm)
Wheninstallingtheproductonpanel,make100mmofspacefromupper,lower,right,
leftsideoftheproduct,onpanelandbacksideofpanel.Itisforpreventingeffectof
electromagneticwavesandheatfromothercontrollers.[Image1]
2.Setfixingbracketsinthefixingbracketmountingslots.[Image2]
3.TightenthefixingbracketwithM4Screwdriverandtighteningtorqueis0.5to0.6N·m.
100
100
100
100
100
[Image1]
[Image2]
Software
VisitAutonicswebsitetodownloadsoftware.
• atDesigner
atDesignerisforeditingprojectfile.
• atLogic
atLogicisforwritinganddebuggingprogram.
• Recommendedcomputerspecification
Item
Recommendedspecfor
atDesigner
Recommendedspecfor
atLogic
Operatingsystem
WindowsXP/Vista/7/8/10
Windows7/8/10
CPU
OverIntelCorei5-2ndgen.2500 OverPentiumDualCore
Memory
Over8GB
Over1GB
Harddisk
Over8GBfreespace
Over5GBfreespace
Resolution
1920×1080
1280×1024
• Firmware
Pleasereferto‘LP-ASeriesusermanual’forfirmwareupgrade.
• Fixingbracket
• Panelcut-out
15
14
M4
C
A
A
B
C
7.0inch
186+10
126+10
≤4-R3
10.4inch
260.5+10 200.5+10
≤4-R3
A
B
E
D
Fixingbracket
mountingslot
Dimensions
• Unit:mm,Forthedetaileddrawings,followtheAutonicswebsite.
A
B
C
D
E
F
7.0inch
185
194
134
6.5
28.5
125
10.4inch
260
273
212
7.2
34
200
Interface
Interfaceisdifferentuptothemodel.
Forthedetailedinformationabouteachinterface,refertothe‘LP-ASeriesusermanual’and
‘GP/LPusermanualforcommunication’.
■ Serialport(RS232C/RS422)
RS232C
RS422
Port
Pinfunction
Port
Pinfunction
5
4
3
2
1
9
8
7
6
1 -
1
2
3
4
5
6
7
8
9
1 TXD+
2 RXD
2 RXD+
3 TXD
3 -
4 DTR
4 -
5 SG
5 SG
6 DSR
6 TXD-
7 -
7 RXD-
8 -
8 -
D-sub9PinMale 9 -
D-sub9PinFemale 9 -
■ USBport
Type
Port
Function
USBHost
• CopingdatabetweenstorageandLP
• Firmwareupgrade
• Connectingexternaldevice
(bar-codereader,printer,etc.)
• Externalmemory:max.32GB
(supportedfilesystem:FAT16/32)
USBDevice
• atDesignerprojectupload/download
UseaUSBcablewithin2m.
■ Ethernetport
Itisavailabletoupload/downloadprojectfilebyconnectingPCandatDesigner,andmonitor
PLCwhichsupportsEthernetcommunicationprotocol.
■ CANport
Number Color Function Configuration
1
Black 24VDCᜡ(-)
V-CAN_L
SHIELD
CAN_H
V+
2
Blue CAN_L
3
None SHIELD
4
White CAN_H
5
Red 24VDCᜡ(+)
■ MicroSD
Externalmemory:max.32GB(supportedfilesystem:FAT16/32)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com