Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVR
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73601DBVR Datasheet HTML 3Page - Texas Instruments TPS73601DBVR Datasheet HTML 4Page - Texas Instruments TPS73601DBVR Datasheet HTML 5Page - Texas Instruments TPS73601DBVR Datasheet HTML 6Page - Texas Instruments TPS73601DBVR Datasheet HTML 7Page - Texas Instruments TPS73601DBVR Datasheet HTML 8Page - Texas Instruments TPS73601DBVR Datasheet HTML 9Page - Texas Instruments TPS73601DBVR Datasheet HTML 10Page - Texas Instruments TPS73601DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
1000
900
800
700
600
500
400
300
200
100
0
0
100
200
300
400
IOUT (mA)
V
IN = 5.5V
V
IN = 4V
V
IN = 2V
1000
900
800
700
600
500
400
300
200
100
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
I
OUT = 400mA
V
IN = 5.5V
V
IN = 3V
V
IN = 2V
800
700
600
500
400
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
OUT (V)
TPS73633
I
CL
I
SC
1
0.1
0.01
−50
−25
0
25
50
75
100
125
Temperature (
_C)
V
ENABLE = 0.5V
V
IN = VO + 0.5V
800
750
700
650
600
550
500
450
400
1.5
2.5
3.0
3.5
4.0
4.5
5.0
2.0
5.5
V
IN (V)
800
750
700
650
600
550
500
450
400
−50
−25
0
25
50
75
100
125
Temperature (
_C)
TPS736xx
SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
For all voltage versions, at T
J = +25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
GROUND PIN CURRENT vs OUTPUT CURRENT
GROUND PIN CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
CURRENT LIMIT vs VOUT
GROUND PIN CURRENT in SHUTDOWN
(FOLDBACK)
vs TEMPERATURE
Figure 11.
Figure 12.
CURRENT LIMIT vs VIN
CURRENT LIMIT vs TEMPERATURE
Figure 13.
Figure 14.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com