Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVR
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS73601DBVR Datasheet HTML 16Page - Texas Instruments TPS73601DBVR Datasheet HTML 17Page - Texas Instruments TPS73601DBVR Datasheet HTML 18Page - Texas Instruments TPS73601DBVR Datasheet HTML 19Page - Texas Instruments TPS73601DBVR Datasheet HTML 20Page - Texas Instruments TPS73601DBVR Datasheet HTML 21Page - Texas Instruments TPS73601DBVR Datasheet HTML 22Page - Texas Instruments TPS73601DBVR Datasheet HTML 23Page - Texas Instruments TPS73601DBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPS73601DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73601DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73601DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73601DBVTG4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73601DCQ
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
TPS73601DCQG4
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
TPS73601DCQR
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
TPS73601DCQRG4
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
TPS73601DRBR
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73601DRBRG4
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73601DRBT
ACTIVE
SON
DRB
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73601DRBTG4
ACTIVE
SON
DRB
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS736125DRBR
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS736125DRBRG4
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS736125DRBT
ACTIVE
SON
DRB
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS736125DRBTG4
ACTIVE
SON
DRB
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73615DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73615DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73615DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73615DBVTG4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TPS73615DCQ
ACTIVE
SOT-223
DCQ
6
78
Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
TPS73615DCQR
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
TPS73615DCQRG4
ACTIVE
SOT-223
DCQ
6
2500 Green (RoHS &
no Sb/Br)
Call TI
Level-2-260C-1 YEAR
TPS73615DRBR
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TPS73615DRBRG4
ACTIVE
SON
DRB
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
PACKAGE OPTION ADDENDUM
www.ti.com
28-Nov-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com