Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 2Page - Texas Instruments TPS73601DBVT Datasheet HTML 3Page - Texas Instruments TPS73601DBVT Datasheet HTML 4Page - Texas Instruments TPS73601DBVT Datasheet HTML 5Page - Texas Instruments TPS73601DBVT Datasheet HTML 6Page - Texas Instruments TPS73601DBVT Datasheet HTML 7Page - Texas Instruments TPS73601DBVT Datasheet HTML 8Page - Texas Instruments TPS73601DBVT Datasheet HTML 9Page - Texas Instruments TPS73601DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
0
50
100
150
300
350
200
250
400
IOUT (mA)
Referred to IOUT = 10mA
−40_C
+125
_C
+25
_C
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN − VOUT (V)
+125
_C
+25
_C
−40_C
Referred to V
IN = VOUT + 0.5V at IOUT = 10mA
100
80
60
40
20
0
0
50
100
150
200
400
250
300
350
IOUT (mA)
+125
_C
+25
_C
−40_C
TPS73625DBV
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
TPS73625DBV
30
25
20
15
10
5
0
V
OUT Error (%)
I
OUT = 10mA
18
16
14
12
10
8
6
4
2
0
Worst Case dV
OUT/dT (ppm/_ C)
I
OUT = 10mA
All Voltage Versions
TPS736xx
SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
For all voltage versions, at T
J = +25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
LOAD REGULATION
LINE REGULATION
Figure 3.
Figure 4.
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY HISTOGRAM
OUTPUT VOLTAGE DRIFT HISTOGRAM
Figure 7.
Figure 8.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com