Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 8Page - Texas Instruments TPS73601DBVT Datasheet HTML 9Page - Texas Instruments TPS73601DBVT Datasheet HTML 10Page - Texas Instruments TPS73601DBVT Datasheet HTML 11Page - Texas Instruments TPS73601DBVT Datasheet HTML 12Page - Texas Instruments TPS73601DBVT Datasheet HTML 13Page - Texas Instruments TPS73601DBVT Datasheet HTML 14Page - Texas Instruments TPS73601DBVT Datasheet HTML 15Page - Texas Instruments TPS73601DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
Board Layout Recommendation to Improve
Transient Response
Internal Current Limit
Shutdown
(Fixed Voltage Version)
dV dt
+
V
OUT
C
OUT
80kW ø RLOAD
(4)
Dropout Voltage
(Adjustable Voltage Version)
dV dt
+
V
OUT
C
OUT
80kW ø (R1 ) R2) ø RLOAD
(5)
TPS736xx
SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
This noise reduction effect is shown as RMS Noise
For large step changes in load current, the TPS736xx
Voltage vs CNR in the Typical Characteristics section.
requires a larger voltage drop from VIN to VOUT to
avoid degraded transient response. The boundary of
The TPS73601 adjustable version does not have the
this transient dropout region is approximately twice
noise-reduction pin available. However, connecting a
the dc dropout. Values of VIN - VOUT above this line
feedback capacitor, CFB , from the output to the FB
insure normal transient response.
pin will reduce output noise and improve load transi-
ent performance.
Operating in the transient dropout region can cause
an increase in recovery time. The time required to
The TPS736xx uses an internal charge pump to
recover from a load transient is a function of the
develop an internal supply voltage sufficient to drive
magnitude of the change in load current rate, the rate
the gate of the NMOS pass element above VOUT. The
of change in load current, and the available head-
charge pump generates ~250µV of switching noise at
room (VIN to VOUT voltage drop). Under worst-case
~4MHz; however, charge-pump noise contribution is
conditions [full-scale instantaneous load change with
negligible at the output of the regulator for most
(VIN - VOUT) close to dc dropout levels], the TPS736xx
values of IOUT and COUT.
can take a couple of hundred microseconds to return
to the specified regulation accuracy.
PSRR and Noise Performance
To improve ac performance such as PSRR, output
The low open-loop output impedance provided by the
noise, and transient response, it is recommended that
NMOS pass element in a voltage follower configur-
the board be designed with separate ground planes
ation allows operation without an output capacitor for
for VIN and VOUT, with each ground plane connected
many applications. As with any regulator, the addition
only at the GND pin of the device. In addition, the
of a capacitor (nominal value 1µF) from the output pin
ground connection for the bypass capacitor should
to ground will reduce undershoot magnitude but
connect directly to the GND pin of the device.
increase duration. In the adjustable version, the
addition of a capacitor, CFB, from the output to the
adjust pin will also improve the transient response.
The TPS736xx internal current limit helps protect the
The TPS736xx does not have active pull-down when
regulator during fault conditions. Foldback helps to
the output is over-voltage. This allows applications
protect the regulator from damage during output
that connect higher voltage sources, such as alter-
short-circuit conditions by reducing current limit when
nate power supplies, to the output. This also results
VOUT drops below 0.5V. See Figure 11 in the Typical
in an output overshoot of several percent if load
Characteristics section for a graph of IOUT vs VOUT.
current quickly drops to zero when a capacitor is
connected to the output. The duration of overshoot
can be reduced by adding a load resistor. The
overshoot decays at a rate determined by output
The Enable pin is active high and is compatible with
capacitor COUT and the internal/external load resist-
standard TTL-CMOS levels. VEN below 0.5V (max)
ance. The rate of decay is given by:
turns the regulator off and drops the ground pin
current to approximately 10nA. When shutdown capa-
bility is not required, the Enable pin can be connected
to VIN. When a pull-up resistor is used, and operation
down to 1.8V is required, use pull-up resistor values
below 50k
Ω.
The TPS736xx uses an NMOS pass transistor to
achieve extremely low dropout. When (VIN - VOUT) is
less than the dropout voltage (VDO), the NMOS pass
device is in its linear region of operation and the
input-to-output resistance is the RDS-ON of the NMOS
pass element.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com