Electronic Components Datasheet Search
  English  ▼

X  

TPCF8201 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCF8201
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8201 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCF8201 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCF8201
2003-11-10
4
Drain-source voltage VDS
(V)
ID – VDS
Drain-source voltage VDS
(V)
ID – VDS
5
4
2
1
0
0
0.2
1.7
0.4
0.6
0.8
VGS = 1.4 V
1.5
1.6
1.8
4
6
1
3
5
1.9
2
10
Common source
Ta
= 25°C
Pulse test
8
6
4
2
0
10
0
3
4
5
VGS = 1.4V
1.5
1.6
1.7
2.1
10
3
1.9
1.8
2
1
2
Common source
Ta
= 25°C
Pulse test
ID – VGS
Gate-source voltage VGS
(V)
0
0
1
2
3
4
5
2
10
Ta
= −55°C
25
100
4
6
8
Common source
VDS = 10 V
Pulse test
VDS – VGS
Gate-source voltage
VGS
(V)
0
0.4
0.6
0.8
1
0
ID = 3 A
2
4
6
8
10
0.75
1.5
0.2
Common source
Ta
= 25℃
Pulse test
Drain current ID (A)
Yfs – ID
1
10
100
0.1
1
10
25
100
Ta
= −55°C
Common source
VDS = 10 V
Pulse test
Drain current ID (A)
RDS (ON) – ID
1
0.1
1
10
100
10
1000
VGS = 4.5V
2.0
2.5
Common source
Ta
= 25°C
Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com