Electronic Components Datasheet Search
  English  ▼

X  

TPCF8201 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCF8201
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8201 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCF8201 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8201 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCF8201
2003-11-10
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
160
−40
0
40
80
120
−80
120
100
80
60
20
0
ID = 3A,1.5A,0.75A
VGS = 2.0 V
VGS = 4.5 V
ID = 3A,1.5A,0.75A
VGS = 2.5 V
ID = 1.5A,0.75A
ID = 3A
40
Common source
Pulse test
IDR – VDS
Drain-source voltage VDS (V)
0
0.1
−0.4
0.3
0.5
1
3
5
10
−0.8
−1.2
VGS = 0 V
10
2.5
2.0
Common source
Ta
= 25°C
Pulse test
Capacitance – VDS
Drain-source voltage VDS (V)
10
0.1
100
1000
1
3
5
10
30 50
100
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Vth – Ta
Ambient temperature Ta (°C)
0
0.4
0.6
0.8
1.2
−80
−40
0
40
80
120
160
1
0.2
Common source
VDS = 10 V
ID = 200μA
Pulse test
PD – Ta
Ambient temperature Ta (°C)
0
0
40
80
120
160
0.4
0.8
1.2
1.6
2
(4)
(1)
(3)
(2)
t
= 5 s
Device mounted on a glass-epoxy board (a) (Note 2a)
(1)Single-device operation (Note 3a)
(2)Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3)Single-device operation (Note 3a)
(4)Single-device value at dual operation (Note 3b)
Total gate charge Qg (nC)
Dynamic input / output
characteristics
0
8
VDD = 16 V
VDS
4
8
10
0
2
4
6
4
8
12
16
20
0
2
4
6
VGS
Common source
ID = 3 A
Ta
= 25°C
Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com