Electronic Components Datasheet Search
  English  ▼

X  

BGY587 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGY587
Description  CATV amplifier modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY587 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGY587 Datasheet HTML 1Page - NXP Semiconductors BGY587 Datasheet HTML 2Page - NXP Semiconductors BGY587 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC16
February 1995
DISCRETE SEMICONDUCTORS
Philips Semiconductors
BGY586; BGY587
CATV amplifier modules


Similar Part No. - BGY587

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY587 NXP-BGY587 Datasheet
101Kb / 8P
550 MHz, 22 dB gain push-pull amplifier
Rev. 5 - 20 September 2011
BGY587B PHILIPS-BGY587B Datasheet
52Kb / 8P
CATV amplifier module
1997 Apr 10
BGY587B NXP-BGY587B_01 Datasheet
55Kb / 8P
550 MHz, 27 dB gain push-pull amplifier
2001 Oct 22
logo
Quanzhou Jinmei Electro...
BGY587B JMNIC-BGY587B_15 Datasheet
55Kb / 8P
550 MHz, 27 dB gain push-pull amplifier
BGY587B_2015 JMNIC-BGY587B_2015 Datasheet
55Kb / 8P
550 MHz, 27 dB gain push-pull amplifier
More results

Similar Description - BGY587

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
CATV power doubler amplifier modules
1995 Oct 25
BGD702 PHILIPS-BGD702 Datasheet
64Kb / 12P
CATV amplifier modules
2001 Nov 27
BGD802 PHILIPS-BGD802 Datasheet
55Kb / 12P
CATV amplifier modules
1999 Mar 26
BGD902 PHILIPS-BGD902 Datasheet
73Kb / 10P
CATV amplifier modules
Rev. 07-8 March 2005
BGD904 PHILIPS-BGD904 Datasheet
74Kb / 12P
CATV amplifier modules
2000 Jan 10
BGD906 PHILIPS-BGD906 Datasheet
73Kb / 12P
CATV amplifier modules
2000 Mar 28
BGY80 PHILIPS-BGY80 Datasheet
14Kb / 3P
CATV amplifier modules
February 1995
BGY84 PHILIPS-BGY84 Datasheet
51Kb / 8P
CATV amplifier modules
1999 Mar 26
BGY84A PHILIPS-BGY84A Datasheet
62Kb / 8P
CATV amplifier modules
1997 Apr 10
BGY86 PHILIPS-BGY86 Datasheet
45Kb / 8P
CATV amplifier modules
1999 Mar 25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com