Electronic Components Datasheet Search
  English  ▼

X  

BGY587 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY587
Description  CATV amplifier modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY587 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY587 Datasheet HTML 1Page - NXP Semiconductors BGY587 Datasheet HTML 2Page - NXP Semiconductors BGY587 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
February 1995
3
Philips Semiconductors
Product specification
CATV amplifier modules
BGY586; BGY587
CHARACTERISTICS
Bandwidth 40 to 550 MHz; VB = 24 V; Tmb = 30 °C; ZS = ZL = 75 Ω.
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV; fq = 493.25 MHz; Vq = 44 dBmV; measured at fp + fq = 548.5 MHz.
2. Measured according to DIN45004B: fp = 540.25 MHz; Vp = Vo; fq = 547.25 MHz; Vq = Vo −6 dB;
fr = 549.25 MHz; Vr = Vo −6 dB; measured at fp + fq − fr = 538.25 MHz.
3. The modules normally operate at VB = 24 V, but are able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
21.5
−
22.5
dB
f = 550 MHz
22
−−
dB
SL
slope cable equivalent
f = 40 to 550 MHz
0.2
−
1.5
dB
FL
flatness of frequency response
f = 40 to 550 MHz
−−±0.2
dB
S11
input return losses
f = 40 to 80 MHz
20
−−
dB
f = 80 to 160 MHz
19
−−
dB
f = 160 to 550 MHz
18
−−
dB
S22
output return losses
f = 40 to 80 MHz
20
−−
dB
f = 80 to 160 MHz
19
−−
dB
f = 160 to 550 MHz
18
−−
dB
S21
phase response
f = 50 MHz
+135
−
+225
deg
CTB
composite triple beat
77 channels flat;
Vo = 44 dBmV;
measured at 547.25 MHz
BGY586
−−−53
dB
BGY587
−−−57
dB
Xmod
cross modulation
77 channels flat;
Vo = 44 dBmV;
measured at 55.25 MHz
BGY586
−−−55
dB
BGY587
−−−58
dB
CSO
composite second order distortion
77 channels flat;
Vo = 44 dBmV;
measured at 548.5 MHz
BGY586
−−−50
dB
BGY587
−−−54
dB
d2
second order distortion
note 1
BGY586
−−−62
dB
BGY587
−−−66
dB
Vo
output voltage
dim = −60 dB; note 2
BGY586
58.5
−−
dBmV
BGY587
61
−−
dBmV
F
noise figure
f = 550 MHz
BGY586
−−
6.5
dB
BGY587
−−
7dB
Itot
total current consumption (DC)
note 3
BGY586
−
180
200
mA
BGY587
−
220
240
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com