Electronic Components Datasheet Search
  English  ▼

X  

MAX5231 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5231
Description  3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5231 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5231 Datasheet HTML 9Page - Maxim Integrated Products MAX5231 Datasheet HTML 10Page - Maxim Integrated Products MAX5231 Datasheet HTML 11Page - Maxim Integrated Products MAX5231 Datasheet HTML 12Page - Maxim Integrated Products MAX5231 Datasheet HTML 13Page - Maxim Integrated Products MAX5231 Datasheet HTML 14Page - Maxim Integrated Products MAX5231 Datasheet HTML 15Page - Maxim Integrated Products MAX5231 Datasheet HTML 16Page - Maxim Integrated Products MAX5231 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Power-Down and Shutdown Modes
As described in Tables 2 and 3, several serial interface
commands put one or both of the DACs into shutdown
mode. Shutdown modes are completely independent
for each DAC. In shutdown, the amplifier output be-
comes high impedance, and OUT_ terminates to OS_
through the 200k
Ω (typ) gain resistors. Optionally (see
Tables 2 and 3), OUT_ can have an additional termina-
tion of 1k
Ω to AGND.
Full power-down mode shuts down the main bias gene-
rator, reference, and both DACs. The shutdown impe-
dance of the DAC outputs can still be controlled
independently, as described in Tables 2 and 3.
A serial interface command exits shutdown mode and
updates a DAC register. Each DAC can exit shutdown
at the same time or independently (see Tables 2 and
3). For example, if both DACs are shut down, updating
the DAC A register causes DAC A to power up, while
DAC B remains shut down. In full power-down mode,
powering up either DAC also powers up the main bias
generator and reference. To change from full power-
down to both DACs shutdown requires the waking of at
least one DAC between states.
When powering up the MAX5230/MAX5231 (powering
VDD), allow 400µs (max) for the output to stabilize. When
exiting full power-down mode, also allow 400µs (max) for
the output to stabilize. When exiting DAC shutdown
mode, allow 160µs (max) for the output to stabilize.
Reset Value (RSTV) and
Clear (
CLR) Inputs
Driving CLR low asynchronously forces both DAC out-
puts and all the internal registers (input registers and
DAC registers) for both DACs to either zero or midscale,
depending on the level at RSTV. RSTV = DGND sets the
zero value, and RSTV, = VDD sets the midscale value.
The internal power-on reset circuit sets the DAC out-
puts and internal registers to either zero or midscale
when power is first applied to the device, depending on
the level at RSTV as described in the preceding para-
graph. The DAC outputs are enabled after power is first
applied. In order to obtain the midscale value on
power-up (RSTV = VDD), the voltage on RSTV must rise
simultaneously with the VDD supply.
Load DAC Input (
LDAC)
Asserting LDAC asynchronously loads the DAC registers
from their corresponding input registers (DACs that are
shut down remain shut down). The LDAC input is totally
asynchronous and does not require any activity on CS,
SCLK, or DIN in order to take effect. If LDAC is asserted
coincident with a rising edge of CS, which executes a
serial command modifying the value of either DAC input
register, then LDAC must remain asserted for at least
30ns following the CS rising edge. This requirement
applies only for serial commands that modify the value of
the DAC input registers.
Power-Down Lockout Input (
PDL)
Driving PDL low disables shutdown of either DAC. When
PDL is low, serial commands to shut down either DAC are
ignored. When either DAC is in shutdown mode, a high-
to-low transition on PDL brings the DACs and the refer-
ence out of shutdown with DAC outputs set to the state
prior to shutdown.
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
______________________________________________________________________________________
13
Table 3. P1 Shutdown Modes
P1 (A/B)
SHUTDOWN MODE
0
Shut down with internal 1k
Ω load to GND
1
Shut down with internal 200k
Ω load to GND
SCLK
DIN
CS
MOSI
SCK
5V
I/O
SPI/QSPI
PORT
SS
MAX5230
MAX5231
Figure 4. SPI/QSPI Interface Connections
SCLK
DIN
CS
SK
SO
I/O
MICROWIRE
PORT
MAX5230
MAX5231
Figure 5. Connections for MICROWIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com