Electronic Components Datasheet Search
  English  ▼

X  

MAX5231 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5231
Description  3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5231 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5231 Datasheet HTML 1Page - Maxim Integrated Products MAX5231 Datasheet HTML 2Page - Maxim Integrated Products MAX5231 Datasheet HTML 3Page - Maxim Integrated Products MAX5231 Datasheet HTML 4Page - Maxim Integrated Products MAX5231 Datasheet HTML 5Page - Maxim Integrated Products MAX5231 Datasheet HTML 6Page - Maxim Integrated Products MAX5231 Datasheet HTML 7Page - Maxim Integrated Products MAX5231 Datasheet HTML 8Page - Maxim Integrated Products MAX5231 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX5230 (continued)
(VDD = +2.7V to +3.6V, OS_ = AGND = DGND = 0, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reference External Load Regulation
VOUT/IOUT 0
≤ IOUT ≤ 100µA (sourcing)
0.1
2
µV/µA
Reference Short-Circuit Current
4
mA
DIGITAL INPUTS
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
Input Hysteresis
VHYS
200
mV
Input Leakage Current
IIN
Digital inputs = 0 or VDD
±1µA
Input Capacitance
CIN
8pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 2mA
2.3
V
Output Low Voltage
VOL
ISINK = 2mA
0.25
V
DYNAMIC PERFORMANCE
Voltage-Output Slew Rate
SR
0.6
V/µs
Voltage-Output Settling Time
To
±0.5 LSB, VSTEP = ±2V
(VDD - 0.25V)
≥ VOUT ≥ 0.25V
10
µs
Output-Voltage Swing (Note 5)
0 to VDD
V
OS_ Input Resistance
ROS
83
121
k
Ω
Time Required for Output to Settle After
Turning on VDD (Note 6)
95
400
µs
Time Required for Output to Settle After
Exiting Full Power-Down (Note 6)
95
400
µs
Time Required for Output to Settle After
Exiting DAC Power-Down (Note 6)
12
160
µs
Digital Feedthrough
CS =VDD, fSCLK = 100kHz,
VSCLK = 3VP-P
5
nV-s
Major-Carry Glitch Energy
90
nV-s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com