Electronic Components Datasheet Search
  English  ▼

X  

ADM3073E Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3073E
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3073E Datasheet(HTML) 2 Page - Analog Devices

  ADM3073E Datasheet HTML 1Page - Analog Devices ADM3073E Datasheet HTML 2Page - Analog Devices ADM3073E Datasheet HTML 3Page - Analog Devices ADM3073E Datasheet HTML 4Page - Analog Devices ADM3073E Datasheet HTML 5Page - Analog Devices ADM3073E Datasheet HTML 6Page - Analog Devices ADM3073E Datasheet HTML 7Page - Analog Devices ADM3073E Datasheet HTML 8Page - Analog Devices ADM3073E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 4
Timing Specifications—ADM3070E/ADM3071E/
ADM3072E.................................................................................... 5
Timing Specifications—ADM3073E/ADM3074E/
ADM3075E.................................................................................... 6
Timing Specifications—ADM3076E/ADM3077E/
ADM3078E.................................................................................... 7
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Test Circuits and Switching Characteristics................................ 10
Typical Performance Characteristics ........................................... 12
Circuit Description......................................................................... 15
Function Tables........................................................................... 15
Receiver Fail-Safe ....................................................................... 15
Hot-Swap Capability .................................................................. 16
Line Length vs. Data Rate ......................................................... 16
±15 kV ESD Protection ............................................................. 16
Human Body Model .................................................................. 16
256 Transceivers on the Bus...................................................... 16
Reduced EMI and Reflections .................................................. 16
Low Power Shutdown Mode..................................................... 17
Driver Output Protection.......................................................... 17
Typical Applications................................................................... 17
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 20
REVISION HISTORY
10/06—Rev. 0 to Rev. A
Added ADM3077E and ADM3078E ...............................Universal
Changes to Figure 2 and Figure 3................................................... 1
Changes to Figure 5 and Figure 6................................................... 9
Changes to Figure 34 and Figure 35............................................. 17
Updated Outline Dimensions ....................................................... 19
Changes to Ordering Guide .......................................................... 20
8/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com