Electronic Components Datasheet Search
  English  ▼

X  

ADM3073E Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3073E
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3073E Datasheet(HTML) 3 Page - Analog Devices

  ADM3073E Datasheet HTML 1Page - Analog Devices ADM3073E Datasheet HTML 2Page - Analog Devices ADM3073E Datasheet HTML 3Page - Analog Devices ADM3073E Datasheet HTML 4Page - Analog Devices ADM3073E Datasheet HTML 5Page - Analog Devices ADM3073E Datasheet HTML 6Page - Analog Devices ADM3073E Datasheet HTML 7Page - Analog Devices ADM3073E Datasheet HTML 8Page - Analog Devices ADM3073E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. A | Page 3 of 20
GENERAL DESCRIPTION
(continued from Page 1)
The driver outputs of the 250 kbps and 500 kbps devices are
slew rate limited, in order to reduce EMI and data errors caused
by reflections from improperly terminated buses. Excessive
power dissipation caused by bus contention or by output
shorting is prevented with a thermal shutdown circuit.
The parts are fully specified over the industrial tem-
perature ranges and are available in 8-lead and 14-lead
narrow SOIC packages.
Table 1. Selection Table
Part No.
Half/Full
Duplex
Data Rate
(Mbps)
Slew Rate
Limited
Driver/Receiver
Enable
Low Power
Shutdown
Nodes on
Bus
±15 kV ESD
on Bus Pins
Pin
Count
ADM3070E
Full
0.25
Yes
Yes
Yes
256
Yes
14
ADM3071E
Full
0.25
Yes
No
No
256
Yes
8
ADM3072E
Half
0.25
Yes
Yes
Yes
256
Yes
8
ADM3073E
Full
0.5
Yes
Yes
Yes
256
Yes
14
ADM3074E
Full
0.5
Yes
No
No
256
Yes
8
ADM3075E
Half
0.5
Yes
Yes
Yes
256
Yes
8
ADM3076E
Full
16
No
Yes
Yes
256
Yes
14
ADM3077E
Full
16
No
No
No
256
Yes
8
ADM3078E
Half
16
No
Yes
Yes
256
Yes
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com