Electronic Components Datasheet Search
  English  ▼

X  

BGY685 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGY685
Description  CATV amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY685 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGY685 Datasheet HTML 1Page - NXP Semiconductors BGY685 Datasheet HTML 2Page - NXP Semiconductors BGY685 Datasheet HTML 3Page - NXP Semiconductors BGY685 Datasheet HTML 4Page - NXP Semiconductors BGY685 Datasheet HTML 5Page - NXP Semiconductors BGY685 Datasheet HTML 6Page - NXP Semiconductors BGY685 Datasheet HTML 7Page - NXP Semiconductors BGY685 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of February 1995
File under Discrete Semiconductors, SC16
1997 Apr 14
DISCRETE SEMICONDUCTORS
BGY685
CATV amplifier module


Similar Part No. - BGY685

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY685A PHILIPS-BGY685A Datasheet
64Kb / 8P
CATV amplifier module
1998 Mar 16
BGY685A NXP-BGY685A Datasheet
289Kb / 9P
600 MHz, 18.2 dB gain push-pull amplifier
2001 Oct 22
BGY685AD PHILIPS-BGY685AD Datasheet
63Kb / 8P
Hybrid CATV amplifier module
1997 Apr 18
BGY685AL PHILIPS-BGY685AL Datasheet
62Kb / 8P
CATV amplifier module
1997 Apr 10
logo
Quanzhou Jinmei Electro...
BGY685A JMNIC-BGY685A_15 Datasheet
59Kb / 8P
600 MHz, 18.2 dB gain push-pull amplifier
More results

Similar Description - BGY685

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
CATV amplifier module
1997 Apr 10
BGY66B PHILIPS-BGY66B Datasheet
52Kb / 8P
CATV amplifier module
1997 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com