Electronic Components Datasheet Search
  English  ▼

X  

BGY685 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY685
Description  CATV amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY685 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY685 Datasheet HTML 1Page - NXP Semiconductors BGY685 Datasheet HTML 2Page - NXP Semiconductors BGY685 Datasheet HTML 3Page - NXP Semiconductors BGY685 Datasheet HTML 4Page - NXP Semiconductors BGY685 Datasheet HTML 5Page - NXP Semiconductors BGY685 Datasheet HTML 6Page - NXP Semiconductors BGY685 Datasheet HTML 7Page - NXP Semiconductors BGY685 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Apr 14
2
Philips Semiconductors
Product specification
CATV amplifier module
BGY685
FEATURES
• Excellent linearity
• Extremely low noise
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures
excellent reliability.
DESCRIPTION
Hybrid high dynamic range amplifier
module designed for applications in
CATV systems operating over a
frequency range of 40 to 600 MHz
operating with a voltage supply of
24 V (DC).
PINNING - SOT115J
PIN
DESCRIPTION
1
input
2
common
3
common
5+VB
7
common
8
common
9
output
Fig.1 Simplified outline.
fpage
12 3
5
78 9
MSA319 - 1
Side view
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
16.5
17.5
dB
f = 600 MHz
17.8
−
dB
Itot
total current consumption (DC)
VB =24V
−
240
mA
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage
−
65
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−20
+100
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com