Electronic Components Datasheet Search
  English  ▼

X  

AM29F800B-150EEB Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29F800B-150EEB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-150EEB Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29F800B-150EEB Datasheet HTML 30Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 31Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 32Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 33Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 34Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 35Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 36Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 37Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
Am29F800T/Am29F800B
8/18/97
PR E L IM IN A R Y
AC CHARACTERISTICS
Write/Erase/Program Operations
Alternate CE Controlled Writes
Notes:
1. This does not include the preprogramming time.
2. Not 100% tested.
Parameter
Symbols
Description
-70
-90
-120
-150
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time (Note 2)
Min
70
90
120
150
ns
tAVEL
tAS
Address Setup Time
Min
0
0
0
0
ns
tELAX
tAH
Address Hold Time
Min
45
45
50
50
ns
tDVEH
tDS
Data Setup Time
Min
30
45
50
50
ns
tEHDX
tDH
Data Hold Time
Min
0
0
0
0
ns
tOES
Output Enable Setup Time
Min
0
0
0
0
ns
tOEH
Output Enable
Hold Time
Read (Note 2)
Min
0
0
0
0
ns
Toggle and Data Polling (Note 2)
Min
10
10
10
10
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min
0
0
0
0
ns
tWLEL
tWS
WE Setup Time
Min
0
0
0
0
ns
tEHWH
tWH
WE Hold Time
Min
0
0
0
0
ns
tELEH
tCP
CE Pulse Width
Min
35
45
50
50
ns
tEHEL
tCPH
CE Pulse Width High
Min
20
20
20
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
7
7
7
7
µs
Word Programming Operation
Typ
14
14
14
14
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 1)
Typ
111
1
sec
Max
8
8
8
8
sec
tFLQZ
BYTE Switching Low to Output High Z (Note 2)
Max
20
30
30
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com