Electronic Components Datasheet Search
  English  ▼

X  

AM29F800B-150EEB Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F800B-150EEB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-150EEB Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F800B-150EEB Datasheet HTML 4Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 5Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 6Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 7Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 8Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 9Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 10Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 11Page - Advanced Micro Devices AM29F800B-150EEB Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
Am29F800T/Am29F800B
8/18/97
PR E L IM IN A R Y
Table 1.
Am29F800 User Bus Operations (BYTE = VIH)
Table 2.
Am29F800 User Bus Operations (BYTE = VIL)
Legend:
L = logic 0, H = logic 1, X = Don’t Care. See Characteristics for voltage levels.
Notes:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 7.
2. Refer to the section on Sector Protection.
Read Mode
The Am29F800 has two control functions which must
be satisfied in order to obtain data at the outputs. CE is
the power control and should be used for device selec-
tion. OE is the output control and should be used to
gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses
and stable CE to valid data at the output pins.
The output enable access time is the delay from the
fa lling edge of OE to va lid data at the output
pins (assuming the addresses have been stable for at
least tACC–tOE time).
Standby Mode
There are two ways to implement the standby mode on
the Am29F800 device, both using the CE pin.
A CMOS standby mode is achieved with the CE input
held at VCC ± 0.3V. Under this condition the current is
typically reduced to less than 5
µA. A TTL standby
mode is achieved with the CE pin held at VIH. Under
this condition the current is typically reduced to 1 mA.
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0–DQ15
RESET
Autoselect, AMD Manuf. Code (Note 1)
L
L
H
L
L
L
VID
Code
H
Autoselect Device Code (Note 1)
L
L
H
H
L
L
VID
Code
H
Read
L
L
X
A0A1A6A9
DOUT
H
Standby
H
XXXX
XX
HIGH Z
H
Output Disable
L
H
H
X
X
X
X
HIGH Z
H
Write
L
H
L
A0
A1
A6
A9
DIN
H
Verify Sector Protect (Note 2)
L
L
H
L
H
L
VID
Code
H
Temporary Sector Unprotect
X
XXXX
XX
X
VID
Hardware Reset
X
XXXX
XX
HIGH Z
L
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0–DQ7 DQ8–DQ15 RESET
Autoselect, AMD Manuf. Code
(Note 1)
L
L
H
LLL
VID
Code
HIGH Z
H
Autoselect Device Code (Note 1)
L
L
H
H
L
L
VID
Code
HIGH Z
H
Read
L
L
X
A0A1A6A9
DOUT
HIGH Z
H
Standby
H
X
XXXXX
HIGH Z
HIGH Z
H
Output Disable
L
H
H
XXXX
HIGH Z
HIGH Z
H
Write
L
H
L
A0
A1
A6
A9
DIN
HIGH Z
H
Verify
Sector Protect (Note 2)
L
L
HLHL
VID
Code
HIGH Z
H
Temporary
Sector Unprotect
XX
XXXXX
X
HIGH Z
VID
Hardware Reset
X
X
XXXXX
HIGH Z
HIGH Z
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com