Electronic Components Datasheet Search
  English  ▼

X  

IP-01 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # IP-01
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-01 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button IP-01 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 73Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 74Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 75Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
4.3
2
9
26
Indicator light
D-C80 without indicator light
9.5
Most sensitive position
ø3.5
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
9
46
76
10
50
—
9
46
—
D-C73
D-C76
D-C80
(g)
Grommet
PLC: Programmable Logic Controller
D-C7 (With indicator light)
Applicable load
Load voltage
Max. load current and range (3)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-C8 (Without indicator light)
Applicable load
Load voltage
Max. load current
Internal circuit∗
Contact protection circuit
Internal resistance
Standard
D-C73
Relay, PLC
e
24 VDC(4)
5 to 40 mA
100 VAC
5 to 20 mA
None
2.4 V or less
Red LED illuminates when turned ON.
CE marking
D-C76
IC circuit
4 to 8 VDC
20 mA
t
0.8 V or less
D-C80
Relay, PLC, IC circuit
r
None
1
Ω or less (Including lead wire length of 3 m)
CE marking
Lead wire length
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Note 4) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the
auto switch described in Reed Auto Switch Precautions on page 12.
2 cores (Brown/Blue)
Auto switch model
D-C73
D-C76
D-C80
2 cores (Brown/Blue)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø3.4
3 cores (Brown/Blue/Black)
ø1.1
0.2
ø0.08
21
Oilproof Heavy-duty Lead Wire Specifications
Lead wire minimum bending radius [mm] (Reference values)
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto Switch Specifications
Dimensions
(mm)
24 V
or less
50 mA
48 V
40 mA
100 V
20 mA
AC
DC
AC
DC
AC
DC
Reed Auto Switch
Band Mounting Type
D-C73/D-C76/D-C80
Auto switch model
Auto switch model
1653
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com