Electronic Components Datasheet Search
  English  ▼

X  

IP-01 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # IP-01
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-01 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button IP-01 Datasheet HTML 77Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 78Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 79Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 80Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 81Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 82Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 83Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
D-A33C
D-A34C
200 VAC
5 to 12.5 mA
24 VDC (3)
5 to 50 mA
24 VDC (3)
5 to 50 mA
200 VAC
5 to 12.5 mA
D-A44C
PLC
24 VDC (3)
5 to 50 mA
e
None
2.4 V or less
Relay, PLC
100 VAC
5 to 25 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
Relay, PLC
100 VAC
5 to 25 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
Red LED illuminates when turned ON.
CE marking
D-A33C-4, A34C-4
D-A33C-5, A34C-5
D-A33C-6, A34C-6
D-A33C-8, A34C-8
D-A33C-10, A34C-10
Applicable bore
size(mm)
Weight
40
50
63
80
100
162
166
184
210
232
Auto switch model
D-A44C-4
D-A44C-5
D-A44C-6
D-A44C-8
D-A44C-10
Applicable bore
size(mm)
Weight
40
50
63
80
100
160
164
182
208
230
Auto switch model
Red LED illuminates when turned ON.
CE marking
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the indicator
light will not be possible where the output signal is less than 2.5 mA. However, there is no
problem in terms of contact output, when an output signal exceeds 1 mA or more.
Note 3) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the auto
switch described in Reed Auto Switch Precautions on page 12.
Weight
(g)
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Terminal conduit:D-A3
C
DIN terminal: D-A44C
1. Use cable whose O.D. is within the size in
the figure to maintain water resistant
performance.
2. After wiring, confirm that tightening gland
and all screws are tightened.
Precautions
Caution
D-A3
C (With indicator light) Terminal conduit
Auto switch model
Applicable load
Load voltage
Load current range (2)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-A44C (With indicator light) DIN terminal
Auto switch model
Applicable load
Load voltage
Load current range (2)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
Dimensions
(mm)
D-A3
C-4, D-A44C-4
D-A3
C-5, D-A44C-5
D-A3
C-6, D-A44C-6
D-A3
C-8, D-A44C-8
D-A3
C-10, D-A44C-10
Applicable bore
size (mm)
40
50
63
80
100
C
44
52
64
78
92
HW
69
77
91
107
121
H
58 (67.5)
59 (68.5)
61.5 (71)
65 (74.5)
68 (77.5)
H'
50.5 (60)
51.5 (61)
53 (62.5)
54.5 (64)
57.5 (67)
T
7.5
8.5
10.5
12.5
15.5
T'
6.5
6.5
7.5
9.5
9.5
M5 x 0.8 x 16
M5 x 0.8 x 20
M5 x 0.8 x 25
∗ ( ): Denotes the values of D-A44C
Z
Auto switch model
Dimensions
D-A3
C
D-A44C
(mm)
(Applicable cable O.D.
ø6.8 to ø9.6)
(Applicable cable O.D.
ø6.8 to ø11.5)
2 x M5 x 0.8 x 12
Hexagon socket head cap bolt
Tightening gland
2 x M5 x 0.8 x 12
Hexagon socket head cap bolt
Tightening gland
Hexagon socket
head cap bolt
G 1/2
G 1/2
Indicator light
Most sensitive position
Hexagon socket
head cap bolt
4 x Z
4 x Z
Most sensitive position
Reed Auto Switch
Tie-rod Mounting Type
D-A33C/D-A34C/D-A44C
1662
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com