Electronic Components Datasheet Search
  English  ▼

X  

STC12C5616AD Datasheet(PDF) 7 Page - STCmicro Technology Co,.Ltd

Part # STC12C5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12C5616AD Datasheet(HTML) 7 Page - STCmicro Technology Co,.Ltd

Back Button STC12C5616AD Datasheet HTML 3Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 4Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 5Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 6Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 10Page - STCmicro Technology Co,.Ltd STC12C5616AD Datasheet HTML 11Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 377 page
background image
1.1 Features
Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard
8051.
Operating voltage range: 5.5V ~ 3.5V or 2.2V ~ 3.6V (STC12LE5620AD).
Operating frequency range: 0- 35MHz, is equivalent to standard 8051:0~420MHz
On-chip 30K/28K/24K/20K/16K/12K/8K/4K... FLASH program memory with flexible ISP/IAP capability
On-chip 768 byte RAM
Power control: idle mode(can be waked up by any interrupt) and power-down mode(can be waked up by
external interrupts).
Code protection for flash memory access
Excellent noise immunity, very low power consumption
six 16-bit timer/counter, be compatible with Timer0/Timer1 of standard 8051, 4-channel PCA can be
available as four timers.
9 vector-address, 4 level priority interrupt capability
One enhanced UART with hardware address-recognition and frame-error detection function
One 15 bits Watch-Dog-Timer with 8-bit pre-scaler (one-time-enabled)
SPI Master/Slave communication interface
Four channel Programmable Counter Array (PCA)
10-bit, 8-channel high-speed Analog-to-Digital Converter (ADC), up to 100 thousands times per second
Simple internal RC oscillator and external crystal clock
Three power management modes: idle mode, slow down mode and power-down mode
Power down mode can be woken-up by P3.2/INT0, P3.3/INT1, P3.4/T0, P3.5/T1, P3.0/RxD, P3.7/PCA0, and
P3.5/PCA1, PCA2/P2.0, PCA3/P2.4
Operation Temperature: -40 ~ + 85
(industrial) / 0 ~ 75
(Commercial)
Common (27/23/15) programmable I/O ports are available
Programmable clock output Function. T0 output the clock on P1.0, T1 output the clock on P1.1.
Five package type : LQFP-32, SOP-32, SOP-28, SKDIP-28, SOP-20, DIP-20, LSSOP-20.
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Chapter 1. Introduction
STC12C5620AD is a single-chip microcontroller based on a high performance 1T architecture 8051 CPU, which
is produced by STC MCU Limited. With the enhanced kernel, STC12C5620AD executes instructions in 1~6
clock cycles (about 8~12 times the rate of a standard 8051 device), and has a fully compatible instruction set with
industrial-standard 8051 series microcontroller. In-System-Programming (ISP) and In-Application-Programming
(IAP) support the users to upgrade the program and data in system. ISP allows the user to download new code
without removing the microcontroller from the actual end product; IAP means that the device can write non-
valatile data in Flash memory while the application program is running. The STC12C5620AD retains all features
of the standard 80C51. In addition, the STC12C5620AD has a 9-sources, 4-priority-level interrupt structure,
10-bit ADC(100 thousands times per second), on-chip crystal oscillator, MAX810 special reset circuit, 4-channel
PCA and PWM, SPI, a one-time enabled Watchdog Timer and so on.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com