Electronic Components Datasheet Search
  English  ▼

X  

4750 Datasheet(PDF) 13 Page - Cooper Bussmann, Inc.

Part # 4750
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

4750 Datasheet(HTML) 13 Page - Cooper Bussmann, Inc.

Back Button 4750 Datasheet HTML 9Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 10Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 11Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 12Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 13Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 14Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 15Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 16Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 17Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
E-6
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
TESTING & CODE
COMPLIANCE
• Listed to UL 498,
(file no. E3663).
• CSA Certified to
C22.2 no. 42
(file no. LR7087)
except as noted.
MATERIAL
CHARACTERISTICS
Nylon.
Temperature Rating:
-40ºC to 75ºC.
15A 3 Wire Industrial Specification Grade
Plugs and Connectors
FEATURES
■
Nylon construction.
■
Back wire Dead-Front design.
■
Neoprene gasket seals cord hole from dust
and debris.
■
Dual range cord grip provides solid
cord clamp.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with
tapered channel for easy insertion of wires.
■
Clear cover over wiring compartments
allow easy inspection of wiring
terminations.
■
Combination head screws standard –
slot/Phillips in the U.S.
■
Add "-C" to catalog number for Canadian
screws – slot/Robertson head combination.
Industrial Specification
Grade Hart-Lock®
Locking Devices
2 Pole, 3 Wire Grounding
3 Pole, 3 Wire Non-Grounding
NEMA L5-15, 15A 125V
NEMA L6-15, 15A 250V
NEMA L7-15, 15A 277V
Non-NEMA 15/10A 125/250V
Safety Grip™ Industrial Specification Grade Locking Plugs and Connectors
Rating
Config-
Description/
Catalog No.
AV/AC NEMA
uration
Cord Diameter
Color
Plug
Connector
15
125
L5-15
2 Pole,
Straight: 0.250"-0.656"
Black
CWL515P
CWL515C
3 Wire
(6.4mm-16.7mm)
& White
Straight: 0.250"-0.656"
Black
4721BK
4731BK
(6.4mm-16.7mm)
Angle: 0.300"-0.656"
Black
CWL515PAN CWL515CAN
(7.62mm-16.7mm)
& White
15
250
L6-15
2 Pole,
Straight: 0.250"-0.656"
Black
CWL615P
CWL615C
3 Wire
(6.4mm-16.7mm)
& White
Angle: 0.300"-0.656"
Black
CWL615PAN —
(7.62mm-16.7mm)
& White
15
277
L7-15
2 Pole,
Straight: 0.250"-0.656"
Black
CWL715P
CWL715C
3 Wire
(6.4mm-16.7mm)
& White
Angle: 0.300"-0.656"
Black
CWL715PAN —
(7.62mm-16.7mm)
& White
15/ 125/ Non-
3 Pole,
Straight: 0.250"-0.656"
Black
4767*
4755*
10
250
NEMA
3 Wire
(6.4mm-16.7mm)
& White
Angle: 0.300"-0.656"
Black
4767AN*
—
(7.62mm-16.7mm)
& White
*Not CSA certified
NOTE: Weather Protective Boots from Cooper Wiring Devices
that may be used with these products are described on page E-72 in this section.
G
L7-15P
W
G
W
L7-15R
Y
X
G
L6-15P
Y
X
G
L6-15R
G
W
L5-15P
W
G
L5-15R
CWL515P
1.37"
(34.8mm)
1.50"
(38.1mm)
0.62"
(15.7mm)
1.31"
(33.3mm)
CWL515C
1.37"
(34.8mm)
1.50"
(38.1mm)
2.87"
(72.9mm)
1.00"
(25.4mm)
CU
GR
RECEPTACLE
NON-NEMA
15A 125V
10A 250V
PLUG
NON-NEMA
15A 125V
10A 250V
CU
GR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com