Electronic Components Datasheet Search
  English  ▼

X  

4750 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 4750
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

4750 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  4750 Datasheet HTML 1Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 2Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 3Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 4Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 5Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 6Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 7Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 8Page - Cooper Bussmann, Inc. 4750 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
E-Intro-1
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Locking Devices
Cooper Wiring Devices offers the industry’s
most diverse and complete line of Industrial
Specification Grade, Marine Grade and
Commercial Specification Grade locking
receptacles, plugs, connectors, flanged inlets
and outlets. Our line includes 15A, 20A, 30A,
50A and 60A ratings in 2-pole, 2-wire; 2-pole,
3-wire; 3-pole, 3-wire; 3-pole, 4-wire grounding;
4-pole, 4-wire; and 4-pole, 5-wire grounding.
We also offer all design styles to meet any
application, including: Hart-Lock®,AutoGrip®,
PowerLock®, Safety Grip®, California standard,
watertight, insulated, isolated ground,
corrosion resistant, and midget.
All of our rugged devices are “contractor
tough,” yet their locking action is easy to
implement. A simple twist engages or
disengages the mechanism.
Cooper’s tough locking receptacles meet
NEMA/ANSI standards, are UL listed, and
many models are CSA approved. All of our
locking devices meet or surpass the most
stringent industry performance standards
established by the National Electrical
Manufacturers Association, Underwriters’
Laboratories, and Federal Specifications.
Cooper’s designs are easy to install, and
each attractively finished product is inspected
at the point of manufacture and tested for
electrical and mechanical performance, as well
as for safety characteristics, before packing.
Industrial Specification Grade Locking
Receptacles
These locking receptacles are the top of the
Cooper Wiring Devices line, featuring superior
engineering and performance as well as
outstanding appearance and ease of
installation. Made to provide the safest,
most dependable wiring device performance
available, Industrial Specification Grade
locking receptacles meet or surpass the
most stringent industry standards.
Industrial Specification Grade Locking
Plugs and Connectors
Only Cooper Wiring Devices offers tough
Industrial Specification Grade plugs and
connectors in two different cable clamping
designs to meet your every need. All our
AutoGrip® and Safety Grip® nylon devices
are high performance connecting products
for use in high abuse areas such as industrial
plants, institutional locations and commercial
job sites. They meet or exceed the latest
requirements of industry performance
standards and design standards such
as NEMA, ANSI, UL, and Federal
Specifications/GSA.
Nearly all of Cooper’s locking devices are
Underwriters’ Laboratories (UL) Listed and
most are also CSA certified or available as
CSA certified. Please consult Cooper Wiring
Devices Customer Service for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com