Electronic Components Datasheet Search
  English  ▼

X  

8532 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # 8532
Description  6-String 43V White LED Driver with Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

8532 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button 8532 Datasheet HTML 6Page - Richtek Technology Corporation 8532 Datasheet HTML 7Page - Richtek Technology Corporation 8532 Datasheet HTML 8Page - Richtek Technology Corporation 8532 Datasheet HTML 9Page - Richtek Technology Corporation 8532 Datasheet HTML 10Page - Richtek Technology Corporation 8532 Datasheet HTML 11Page - Richtek Technology Corporation 8532 Datasheet HTML 12Page - Richtek Technology Corporation 8532 Datasheet HTML 13Page - Richtek Technology Corporation 8532 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
RT8532
DS8532-04
January 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 5. PCB Layout Guide
COUT
MIX
EN
1
2
11
12
13
14
18
19
20
FREQ
ISET
17
OVP
LED1
PGND
PGND
GND
4
3
AGND
5
LX
89
7
610
15
16
C1
L1
D1
GND
VOUT
GND
GND
R1
Place the power components as
close as possible. The traces should
be wide and short especially for the
high-current loop.
The compensation circuit should be
kept away from the power loops and
should be shielded with a ground
trace to prevent any noise coupling.
Locate the C1
as close to VIN
as possible.
GND
Locate the RISET as close
to ISET as possible.
CIN
VIN
CCOMP
RCOMP
RISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com