Electronic Components Datasheet Search
  English  ▼

X  

8532 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # 8532
Description  6-String 43V White LED Driver with Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

8532 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  8532 Datasheet HTML 1Page - Richtek Technology Corporation 8532 Datasheet HTML 2Page - Richtek Technology Corporation 8532 Datasheet HTML 3Page - Richtek Technology Corporation 8532 Datasheet HTML 4Page - Richtek Technology Corporation 8532 Datasheet HTML 5Page - Richtek Technology Corporation 8532 Datasheet HTML 6Page - Richtek Technology Corporation 8532 Datasheet HTML 7Page - Richtek Technology Corporation 8532 Datasheet HTML 8Page - Richtek Technology Corporation 8532 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RT8532
www.richtek.com
DS8532-04
January 2014
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN
Chip Enable (Active High). There is an internal pull low resistor 400k
 for the EN pin.
2
FREQ
Switching Frequency of Boost Converter Setting. Connect a resistor between this pin
and AGND to set the switching frequency.

FSW
SW
25
R1.1
6
k
F(MHz)




3
ISET
LED Current Setting. LED current is set by the resistor RISET connected from the
ISET pin to ground.


LED
ISET
240
ImA
Rk
4
MIX
Dimming Mode Selection. There is an internal pull high 400k
 resistor connected to
VDC. Floating or pulling high for 25% Mixed mode dimming, pulling low for direct
PWM mode dimming. Recommended to mixed mode for high LED efficiency.
5
AGND
Analog Ground of LED Driver.
6, 7, 8, 9, 10,
11
LED6 to
LED1
Current Sink for LED String. (Leave the pin unconnected or short to GND, if not
used.)
12
OVP
Over Voltage Protection Sense Input. The detecting threshold is 1.2V (typ.).
13, 14
PGND
Power Ground of Boost Converter.
15, 16
LX
Switching Pin of Boost Converter.
17
PWM
PWM Dimming Control Input.
18
VDC
Internal Regulator Voltage. Connect a capacitor from this pin to ground.
19
VIN
Power Supply Input.
20
COMP
Compensation Note for Boost Converter. Connect a compensation network to this pin
for stability.
21
(Exposed Pad)
GND
Ground. The Exposed Pad must be Soldered to a Large PCB and Connected to GND
for Maximum Power Dissipation.
Ordering Information
Note :
Richtek products are :
 RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
 Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
WQFN-20L 3x3
(TOP VIEW)
Marking Information
Package Type
QW : WQFN-20L 3x3 (W-Type)
RT8532
Lead Plating System
G : Green (Halogen Free and Pb Free)
MIX
ISET
EN
FREQ
LX
PGND
OVP
PGND
15
14
13
12
17
18
19
20
1
2
3
4
9
8
7
6
GND
21
11
5
16
AGND
LED1
10
89=YM
DNN
89= : Product Code
YMDNN : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com