Electronic Components Datasheet Search
  English  ▼

X  

CRL520C Datasheet(PDF) 39 Page - Cooper Bussmann, Inc.

Part # CRL520C
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CRL520C Datasheet(HTML) 39 Page - Cooper Bussmann, Inc.

Back Button CRL520C Datasheet HTML 35Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 36Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 37Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 38Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 39Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 40Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 41Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 42Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 43Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
Industrial
Specification
Grade Hart-Lock®
Locking Devices
4 Pole, 5 Wire Grounding
NEMA L21-30, 30A 120/208V 3ØY
NEMA FSL4-30, 30A 120/208V 3ØY 400Hz
NEMA L22-30, 30A 277/480V 3ØY
NEMA L23-30, 30A 347/600V 3ØY
30A 4 Pole, 5 Wire Grounding
Industrial Specification Grade Plugs and Connectors
FEATURES
■
Nylon construction.
■
Back wire Dead-Front design.
■
Neoprene gasket seals cord hole from dust
and debris.
■
Inserts included for three separate cord
grip ranges.
■
Back wire terminal clamps for secure wiring.
■
Individual wiring compartments with
tapered channel for easy insertion of wires.
■
Clear cover allows easy inspection of
wiring terminations.
■
Combination head screws standard –
slot/Phillips in the U.S.
■
Add -C to catalog number for Canadian
screws – slot/Robertson head combination.
Industrial Specification Grade Locking Plugs and Connectors
Rating
Catalog No.
AV/AC
NEMA
Cord Diameter
Color
Plug
Connector
30
120/208V
L21-30
0.63"-1.16"
Black
CWL2130P
CWL2130C
3ØY
(15.9mm-29.4mm)
& White
0.63"-1.16"
Black
6612BK
6614BK
(15.9mm-29.4mm)
30
120/208V
FSL4-30
0.47"-1.15"
Black
FSL430P
FSL430C
3ØY 400Hz
(11.9mm-29.2mm)
& White
30
277/480V
L22-30
0.63"-1.16"
Black
CWL2230P
CWL2230C
3ØY
(15.9mm-29.4mm)
& White
30
347/600V
L23-30
0.63"-1.16"
Black
CWL2330P
CWL2330C
3ØY
(15.9mm-29.4mm)
& White
L23-30P
Y
W
Z
X
G
Y
W
Z
X
G
L23-30R
Y
L22-30P
W
Z
X
G
Y
W
Z
X
G
L22-30R
FSL4P
W
Y
Z
X
FSL4R
W
Y
Z
X
L21-30P
Y
W
Z
X
G
L21-30R
Y
W
Z
X
G
NOTE: Weather Protective Boots from Cooper Wiring Devices that may be used
with these products are described on page E-72 in this section.
E-32
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
TESTING & CODE
COMPLIANCE
• Listed to UL 498
(file no. E3663)
except FSL430P,
FSL430C
(file no. E1381).
cUL Certified to
CSA C22.2 no. 42
(file no. E3663)
except FSL430P
and FSL430C:
CSA Certified to
C22.2 no. 42
(file no. LR16215).
MATERIAL
CHARACTERISTICS
Nylon.
Temperature Rating:
-40ºC to 75ºC
except FSL430P,
FSL430C:
-40ºC to 60ºC.
FSL430P
6614BK
2.85"
(72.4mm)
2.13"
(54.1mm)
1.83"
(46.5mm)
2.19"
(55.6mm)
2.31"
(58.7mm)
1.22"
(30.9mm)
3.75"
(95.3mm)
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com