Electronic Components Datasheet Search
  English  ▼

X  

CRL520C Datasheet(PDF) 74 Page - Cooper Bussmann, Inc.

Part # CRL520C
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CRL520C Datasheet(HTML) 74 Page - Cooper Bussmann, Inc.

Back Button CRL520C Datasheet HTML 70Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 71Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 72Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 73Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 74Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 75Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 76Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 77Page - Cooper Bussmann, Inc. CRL520C Datasheet HTML 78Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
E-67
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial Specification
Grade 60 Amp Power-Lock®
Locking Receptacles
3 Pole, 4 Wire Grounding
60A, 600V/AC
4 Pole, 5 Wire Grounding
60A, 600V/AC
60 Amp Power-Lock® Receptacles
with Weather Protective Lid
60 Amp Power-Lock® Receptacles
FEATURES
■
Fiberglass reinforced nylon interiors.
■
Designed for direct panel mounting,
wiring troughs or surface type installation.
■
If desired for 45° use Catalog No.
26404 adapter.
■
Outlet enclosures may be rotated at 90º.
■
26421 and 26521 side angle tapped for
1.50" (38.1mm) pipe thread attachment.
Rating
AV/AC
Configuration
Description
Color
Catalog No.
60
600
3 Pole, 4 Wire
Cast aluminum with
Black
26420
weather protective lift lid
Cast aluminum with
Black
26421*
weather protective lift lid
60
600
4 Pole, 5 Wire
Cast aluminum with
Black
26520
weather protective lift lid
Cast aluminum with
Black
26521*
weather protective lift lid
*Not CSA listed
R
C
TESTING & CODE
COMPLIANCE
• Listed to UL 498
(file no. E2369)
• CSA Certified to
C22.2 no. 42
(file no. LR7087)
except as noted.
Weather protective
lids UL Listed to
UL 514A and
cUL Certified to
CSA C22.2 no. 18
(file no. E2369).
MATERIAL
CHARACTERISTICS
Glass filled nylon.
Meets flammability
requirements
per UL94,
V0 rated.
Temperature Rating:
-40°C to 105°C.
26420
2.87"
(72.9mm)
2.87"
(72.9mm)
3.50"
(88.9mm)
3.50"
(88.9mm)
26421
2.75"
(69.9mm)
4.44"
(112.8mm)
3.75"
(95.3mm)
3.50"
(88.9mm)
GR
X
Y
Z
RECEPTACLE
3 POLE, 4 WIRE
60A 600V/AC
GR
X
Y
Z
W
RECEPTACLE
4 POLE, 5 WIRE
60A 600V/AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com