Electronic Components Datasheet Search
  English  ▼

X  

167601 Datasheet(PDF) 24 Page - Eaton All Rights Reserved.

Part # 167601
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167601 Datasheet(HTML) 24 Page - Eaton All Rights Reserved.

Back Button 167601 Datasheet HTML 20Page - Eaton All Rights Reserved. 167601 Datasheet HTML 21Page - Eaton All Rights Reserved. 167601 Datasheet HTML 22Page - Eaton All Rights Reserved. 167601 Datasheet HTML 23Page - Eaton All Rights Reserved. 167601 Datasheet HTML 24Page - Eaton All Rights Reserved. 167601 Datasheet HTML 25Page - Eaton All Rights Reserved. 167601 Datasheet HTML 26Page - Eaton All Rights Reserved. 167601 Datasheet HTML 27Page - Eaton All Rights Reserved. 167601 Datasheet HTML 28Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
23
Surge Protection
SPD Class C, Surge Arresters SPCT2-1+NPE, SPCT2-3+NPE
• Field of application:
For the protection of low voltage distribution systems against transient
overvoltage caused by indirect lightning stroke and switching operations.
• Test class
according to IEC 61643-1+A1
• SPD-type
according to EN 61643-11
• Auxiliary switch SPC-S-HK for remote message transmission can be mount-
ed onto the device
• Suitable for busbar connection to all Xtra Combinations switchgear
• Type SPC-S-3+1:
consists of 1 base SPC-S-S4-3+1,
1 insert SPC-S-N/PE and 3 inserts SPC-S-20/335
• Type SPC-S-1+1:
consists of 1 base SPC-S-S2-1+1,
1 insert SPC-S-N/PE and 1 insert SPC-S-20/335
Technical Data
SPCT2-1+NPE
SPCT2-3+NPE
Electrical
Mechanical coding
yx
yxxx
Responding time (rate of voltage rise 5 kV/µs) L-N/N-PE/L-PE
< 25ns/< 100ns/< 100ns
< 25ns/< 100ns/< 100ns
Maximum continuous operating voltage U
C L-N/N-PE
335VAC/260VAC
280VAC/260VAC
Temporary overvoltage test value U
T (5 s) L-N
415 VAC
350 VAC
(200 ms)
N-PE
1200 VAC
1200 VAC
Rated frequency
50/60 Hz
50/60 Hz
Nominal discharge current I
n
L-N/N-PE/L-PE
20 kA (8/20)µs
20 kA (8/20)µs
Voltage protection level U
p at In
L-N/N-PE/L-PE
≤1600V/≤1000V/≤1650V ≤1000V/≤1000V/≤1300V
Maximum discharge current I
max
L-N/N-PE/L-PE
40 kA (8/20)µs
40 kA (8/20)µs
Follow current interrupt rating I
fi
N-PE
100 A
r.m.s.
100 A
r.m.s.
Permissible back-up fuse
Maximum short-circuit current
Connection diagram
x
x
x
x
yy
Mechanical
Mechanical coding of base
yx
yxxx
Frame size
45 mm
45 mm
Device height
80 mm
80 mm
Device width
35 mm
70 mm
Weight
201 g
412 g
Upper and lower lift terminal capacity
1 - 25 mm2
1 - 25 mm2
Open-mouthed terminals at both sides for busbar thickness up to 1.5 mm
1.5 mm
Tightening torque of terminal screws
2.4 - 3 Nm
2.4 - 3 Nm
Permitted ambient temperature
-40°C to +70°C
-40°C to +70°C
Mounting
quick fastening on DIN rail IEC/EN 60715
Degree of protection (built-in)
IP40
IP40
Dimensions (mm)
II
T2
L3
NN
L2
L1
Application Examples
≤ 125 AgL
50 kA
r.m.s.
PLHT-C100
20 kA
r.m.s.
SPCT2-1+NPE
SPCT2-3+NPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com