Electronic Components Datasheet Search
  English  ▼

X  

167601 Datasheet(PDF) 29 Page - Eaton All Rights Reserved.

Part # 167601
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167601 Datasheet(HTML) 29 Page - Eaton All Rights Reserved.

Back Button 167601 Datasheet HTML 25Page - Eaton All Rights Reserved. 167601 Datasheet HTML 26Page - Eaton All Rights Reserved. 167601 Datasheet HTML 27Page - Eaton All Rights Reserved. 167601 Datasheet HTML 28Page - Eaton All Rights Reserved. 167601 Datasheet HTML 29Page - Eaton All Rights Reserved. 167601 Datasheet HTML 30Page - Eaton All Rights Reserved. 167601 Datasheet HTML 31Page - Eaton All Rights Reserved. 167601 Datasheet HTML 32Page - Eaton All Rights Reserved. 167601 Datasheet HTML 33Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Lead-Through Terminal for Surge Protective Devices, ASLTT-63
• The lead-through terminal permits orderly wiring of SPDs.
It serves as lead-through terminal in circuits requiring vertical connections
from the upper to the lower SPD connection level.
• 1-pole
• Suitable for standard busbar connection to all Xtra Combination switchgear
Technical Data
Electrical
Rated voltage
500V AC/DC
Rated current
63 A
Rated frequency
50/60 Hz
Mechanical
Frame size
45 mm
Device height
80 mm
Device width
17.5 mm
Mounting
quick fastening on
DIN rail IEC/EN 60715
Degree of protection, built-in
IP40
Finger and hand touch safe acc. to
BGV A3, ÖVE-EN 6
Upper and lower terminals
lift and
open-mouthed terminals
Terminal capacity
1 - 25 mm2
Busbar thickness
0.8 - 2 mm
Tightening torque
of terminal screws
2.4 - 3 Nm
Connection diagram
Dimensions (mm)
Application Example / Connection type 2 acc. to IEC 60364-
5-53 Clause 534
SPCT2-335-
3+NPE/BB
ASLT
T-63
28
Surge Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com