Electronic Components Datasheet Search
  English  ▼

X  

LBN07089 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN07089
Description  70MHz SAW Filter 10.75MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07089 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN07089 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07089 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07089 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07089
Rev. Date
2010-11-26
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.3
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
70MHz SAW Filter
11MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN07089
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.85
70
70.15
Insertion Loss
dB
-
25
27
3 dB Bandwidth
MHz
10.75
10.83
-
f0±5.8MHz
dB
35
37
-
f0±6MHz
dB
45
55
-
f0±6.4MHz
dB
50
55
-
f0±10.4MHz
dB
52
60
-
Ultimate Rejection
f0±20.4MHz
dB
52
64
-
Passband Variation
dB
-
0.5
1.2
Absolute Delay
usec
-
3.75
4
Material Temperature coefficient
KHz/°C
-6.58
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN07089

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07089 SIPAT-LBN07089 Datasheet
186Kb / 3P
70MHz SAW Filter
LBN07089 SIPAT-LBN07089_10 Datasheet
186Kb / 3P
70MHz SAW Filter 11MHz Bandwidth
More results

Similar Description - LBN07089

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBN07076 SIPAT-LBN07076 Datasheet
140Kb / 3P
70MHz SAW Filter 25MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
70MHz SAW Filter 13.35MHz Bandwidth
LBN07098 SIPAT-LBN07098 Datasheet
288Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN70A63 SIPAT-LBN70A63 Datasheet
151Kb / 3P
70MHz SAW Filter 13MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com