Electronic Components Datasheet Search
  English  ▼

X  

LBN07089 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN07089
Description  70MHz SAW Filter 10.75MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07089 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN07089 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07089 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07089 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07089
Rev. Date
2010-11-26
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.3
Page 2/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
70MHz SAW Filter
11MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN07089
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: DIP3512
Unit: mm
Pad Configuration:
Input
1
Output
5
Ground All Others
Marking Configuration:
1) SIPAT: Manufacturer Name
2) LBN07089: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
INPUT
OUTPUT
50Ω
50Ω
35.00 0.5
0.45 0.05
25.40 0.2
2.54 0.2
2.54 0.2
SIPAT
LBN07089
XXYYZZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com