Electronic Components Datasheet Search
  English  ▼

X  

BGY787 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGY787
Description  CATV amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY787 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGY787 Datasheet HTML 3Page - NXP Semiconductors BGY787 Datasheet HTML 4Page - NXP Semiconductors BGY787 Datasheet HTML 5Page - NXP Semiconductors BGY787 Datasheet HTML 6Page - NXP Semiconductors BGY787 Datasheet HTML 7Page - NXP Semiconductors BGY787 Datasheet HTML 8Page - NXP Semiconductors BGY787 Datasheet HTML 9Page - NXP Semiconductors BGY787 Datasheet HTML 10Page - NXP Semiconductors BGY787 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
9397 750 14773
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 08 — 1 April 2005
8 of 11
Philips Semiconductors
BGY787
750 MHz, 21.5 dB gain push-pull amplifier
6.
Package outline
Fig 1.
Package outline SOT115J
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U2
U1
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7 8.8
4.15
3.85
2.4
38.1 25.4 10.2 4.2
44.75
44.25
8.2
7.8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
0.7
x
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
x M B
y M B
B
99-02-06
04-02-04
y M B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com