Electronic Components Datasheet Search
  English  ▼

X  

BGY787 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY787
Description  CATV amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY787 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY787 Datasheet HTML 1Page - NXP Semiconductors BGY787 Datasheet HTML 2Page - NXP Semiconductors BGY787 Datasheet HTML 3Page - NXP Semiconductors BGY787 Datasheet HTML 4Page - NXP Semiconductors BGY787 Datasheet HTML 5Page - NXP Semiconductors BGY787 Datasheet HTML 6Page - NXP Semiconductors BGY787 Datasheet HTML 7Page - NXP Semiconductors BGY787 Datasheet HTML 8Page - NXP Semiconductors BGY787 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9397 750 14773
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 08 — 1 April 2005
4 of 11
Philips Semiconductors
BGY787
750 MHz, 21.5 dB gain push-pull amplifier
[1]
fp = 55.25 MHz; Vp = 44 dBmV; fq = 691.25 MHz; Vq = 44 dBmV; measured at fp +fq = 746.5 MHz.
[2]
Measure according to DIN45004B;
fp = 740.25 MHz; Vp =Vo; fq = 747.25 MHz; Vq =Vo − 6 dB; fr = 749.25 MHz; Vr =Vo − 6 dB; measured at fp +fq − fr = 738.25 MHz.
[3]
The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
Table 6:
Characteristics at bandwidth 40 MHz to 770 MHz
VB = 24 V; Tcase =30 °C; ZS =ZL =75 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
f = 50 MHz
21
21.5
22
dB
f = 770 MHz
21.5
22.5
-
dB
SL
slope cable equivalent
f = 40 MHz to 770 MHz
0
1
1.5
dB
FL
flatness of frequency response f = 40 MHz to 770 MHz
-
±0.2 ±0.5 dB
s11
input return losses
f = 40 MHz to 80 MHz
20
33
-
dB
f = 80 MHz to 160 MHz
18.5
30
-
dB
f = 160 MHz to 320 MHz
17
25
-
dB
f = 320 MHz to 640 MHz
15.5
22.5
-
dB
f = 640 MHz to 770 MHz
14
20.5
-
dB
s22
output return losses
f = 40 MHz to 80 MHz
20
28.5
-
dB
f = 80 MHz to 160 MHz
18.5
27.5
-
dB
f = 160 MHz to 320 MHz
17
25
-
dB
f = 320 MHz to 640 MHz
15.5
22
-
dB
f = 640 MHz to 770 MHz
14
20
-
dB
ϕS21
phase response
f = 50 MHz
−45
-
+45
deg
CTB
composite triple beat
110 channels flat; Vo = 44 dBmV; measured
at 745.25 MHz
-
−54.5 −53 dB
Xmod
cross modulation
110 channels flat; Vo = 44 dBmV; measured
at 55.25 MHz
-
−54
−52 dB
CSO
composite second order
distortion
110 channels flat; Vo = 44 dBmV; measured
at 746.5 MHz
-
−57.5 −53 dB
d2
second order distortion
[1] -
−75
−63 dB
Vo
output voltage
dim = −60 dB
[2] 61
63
-
dBmV
F
noise figure
f = 50 MHz
-
4
5
dB
f = 450 MHz
-
-
5.5
dB
f = 550 MHz
-
-
5.5
dB
f = 600 MHz
-
-
6
dB
f = 770 MHz
-
5
6.5
dB
Itot
total current consumption (DC)
[3] -
220
240
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com