Electronic Components Datasheet Search
  English  ▼

X  

JS16-5-080 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # JS16-5-080
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16-5-080 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button JS16-5-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 14Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 15Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 16Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Rod end nunut
One rod end nut is supplied with the JS series. If additional nuts are needed, please order them using the part no. shown below.
No.
1
2
3
4
5
6
Description
Stud
Case
Ring
Cap
Dust cover
Set screw
Material
Stainless steel (Thread parts)
Stainless steel
Chromium molybdenum steel
Carbon steel
Fluororubber/Silicon rubber
Carbon steel
Note
Electroless nickel plated
Electroless nickel plated
Electroless nickel plated
7
Rod end nut
Stainless steel
Component Parts
Component Parts
No.
1
2
3
4
5
6
Description
Stud
Case
Ring
Socket
Dust cover
Rod end nut
Material
Stainless steel
Stainless steel
Stainless steel
Stainless steel
Fluororubber/Silicon rubber
Stainless steel
Note
Model
JS10
JS16
JS20
JS32
JS40
JS63
Fluoro rubber
Part no. for dust cover
Silicon rubber
Dust cover
When the dust cover is damaged and deteriorated, order with the part number as shown below.
P21530511
P21530521
P2153151
P2153251
P2153351
P2153451
P21530512
P21530522
P2153152
P2153252
P2153352
P2153452
Construction
ø
10, ø16
ø
20 to ø63
Replacement Parts
Floating Joint: Stainless Steel Type
JS Series
B
d
H
M4×0.7
M5×0.8
M8×1.25
M10×1.25
M14×1.5
M18×1.5
DA00127
DA00128
DA00036
DA00006
DA00186
DA00188
JS10-4-070
JS16-5-080
JS20-8-125
JS32-10-125
JS40-14-150
JS63-18-150
H
3.2
4
5
6
8
11
7
8
13
17
22
27
B
C
8.1
9.2
15
19.6
25.4
31.2
(mm)
Model
Order no.
d: Thread nominal size
1157
J
D-
-X
Technical
Data
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com