Electronic Components Datasheet Search
  English  ▼

X  

JS16-5-080 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # JS16-5-080
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16-5-080 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button JS16-5-080 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS16-5-080 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
40
50
63
80
100
100
JAH40-16-150
JAH50-20-150
JAH63-24-150
JAH80-30-150
JAH100-39-150
JAH100-48-150
16
20
24
30
39
48
1.5
1.5
1.5
1.5
1.5
1.5
85.5
101
120
152
178
191
18
18
24
38
42
49
1.25
2
2
2.5
3
3
11000
18000
28000
54000
71000
71000
0.58
1.08
1.5
2.7
4.8
5.4
M
A
22
28
32
42
52
61
B
25
31
35
45
55
–
C
50
59.5
66
79
96
96
D
9.5
11.5
13
14
16
16
E
19
24
27
30
36
36
F
16
16
20
22
24
28
G
32
32
41
46
55
70
H
63
80
100
JAH63-24-200
JAH80-30-200
JAH100-42-300
24
30
42
2
2
3
120
152
178
24
38
42
2
2.5
3
28000
54000
71000
1.5
2.7
4.8
32
41
55
35
45
–
66
79
96
13
14
16
27
30
36
20
22
24
41
46
55
52.5
64
74
94.5
112
118
74
94.5
112
Component Parts
No.
1
2
3
4
5
6
7
8
9
Description
Material
Chromium molybdenum steel
Carbon steel
Chromium molybdenum steel
Carbon steel
Synthetic rubber
Carbon steel
Carbon steel
Rolled steel plate
Rolled steel plate
Stud
Case
Ring
Cap
Dust cover
Set screw
Rod end nut
Flange
Foot
Note
Dyed black
Black zinc chromated
Black zinc chromated
Zinc chromated
Zinc chromated
Black zinc chromated
Black zinc chromated
Applicable
bore size
(mm)
Model
Nominal
size
Pitch
(mm)
Weight
(kg)
Allowable
eccentricity
U
Maximum
operating
tension and
compression
force (N)
Center of
sphere
R
Maximum
thread
depth
P
Standard: Heavy Load Type Hydraulic: Up to 7 MPa
Semi-standard: Heavy Load Type Hydraulic: Up to 7 MPa
JAH Series
Construction
Without C-dimension
Basic Type: JAH
JAH40 to 100
Refer to page 1145 for replacement Parts.
Center of sphere
R
1152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com