Electronic Components Datasheet Search
  English  ▼

X  

LSU4L Datasheet(PDF) 33 Page - Honeywell Solid State Electronics Center

Part # LSU4L
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU4L Datasheet(HTML) 33 Page - Honeywell Solid State Electronics Center

Back Button LSU4L Datasheet HTML 29Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 32Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 33Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 34Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 35Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 36Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 37Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Sensing and Internet of Things
33
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
16,5
[.65]
25,4
[1.00]
39,0
[1.54]
44,5
[1.75]
74,9
[2.95]
21,6
[.85]
15,2
[.60]
1,3
[.05]
14,7
[.58]
39,6
[1.56]
65,0
[2.56]
139,7
[5.50]
26,4
[1.04]
59,4
[2.34]
70,4
[2.77]
29,4
[1.16]
41,1
[1.62]
CONDUIT OPENING
LOCATION
LSK CAT WHISKER SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
DIMS: MM
[IN]
MTG PADS
20,3
[.80]
36,6
[1.44]
39,0
[1.54]
44,4
[1.75]
75,8
[2.98]
15,2
[.60]
21,6
[.85]
Ø1,3
[.05]
59,4
[2.34]
70,4
[2.77]
65,0
[2.56]
139,7
[5.50]
14,7
[.58]
26,4
[1.04]
29,4
[1.16]
41,1
[1.62]
39,6
[1.56]
CONDUIT OPENING
LOCATION
LSJ CAT WHISKER SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20]Ø MTG HOLES
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
18,8
[.74]
26,4
[1.04]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
15,2
[.60]
21,6
[.85]
Ø1,3
[.05]
39,6
[1.56]
14,7
[.58]
139,7
[5.50]
65,0
[2.56]
26,4
[1.04]
59,5
[2.34]
82,6
[3.25]
47,8
[1.88]
29,4
[1.16]
CONDUIT OPENING
LOCATION
LSK CAT WHISKER DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
21,3
[.84]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
15,2
[.60]
21,6
[.85]
Ø1,3
[.05]
39,6
[1.56]
14,7
[.58]
139,7
[5.50]
65,0
[2.56]
26,4
[1.04]
59,5
[2.34]
82,6
[3.25]
47,8
[1.88]
29,4
[1.16]
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
LSJ CAT WHISKER DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
CONDUIT OPENING
LOCATION
SPDT Plug-in
(mm[in])
SPDT Non-plug-in
(mm[in])
DPDT Plug-in
(mm[in])
DPDT Non-plug-in
(mm[in])
Figure 30. MICRO SWITCH HDLS LSK_ _-8A Series wobble
(single pole) dimensions
Figure 31. MICRO SWITCH HDLS LSK_ _-8A Series wobble
(double pole) dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com