Electronic Components Datasheet Search
  English  ▼

X  

LSU4L Datasheet(PDF) 35 Page - Honeywell Solid State Electronics Center

Part # LSU4L
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU4L Datasheet(HTML) 35 Page - Honeywell Solid State Electronics Center

Back Button LSU4L Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 32Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 33Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 34Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 35Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 36Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 37Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 38Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Sensing and Internet of Things
35
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
SPECIAL APPLICATIONS
High Capacity Limit Switch
Features
•
High dc current ratings
•
20 A rating at 120 Vac (single pole)
•
Plug-in or non-plug in
•
Positive retention lever arm
•
High resistance to seismic shock
This series has a wide gap contact block
that handles a higher make/break dc
load. In addition, a special lever arm has
a serrated shaft hole and a cap screw
with locking nut for attaching the lever to the rotary shaft.
This assures a firm grip on the operating shaft and positive
retention of the lever adjustment.
The need for precise operation, coupled with challenging
environmental conditions places rigid demands on any
control. Honeywell’s products are intended to satisfy these
demands with its high capacity HDLS, designed to perform
reliably under these conditions.
Listings
LSQ051
Double pole, non-plug-in,
0.75 in conduit
75°
0°
17°
9°
LSQ052
Double pole, plug-in, 0.75
in conduit
LSQ053
Single pole, non-plug-in,
0.5 in conduit
75°
0°
17°
9°
LSQ054
Single pole, plug-in, 0.5 in
conduit
LSZ616
Replacement lever for above listings
Pretravel
17° max.
Diff. travel
8° max.
Overtravel
58° min.
Oper. torque 0,45 Nm [4 in-lb] max.
Action
CW and CCW (spring return)
SPDT
Double Break
DPDT
Double Break
Single Pole
Double Pole
Voltage
Resistive
Load
Inductive
Load
Resistive
Load
Inductive
Load
125 Vdc
2.0 A
1.0 A
1.0 A
0.4 A
250 Vdc
0.7 A
0.4 A
0.4 A
0.2 A
120 Vac
20 A
20 A
10 A
10 A
240 Vac
15 A
15 A
7.5 A
7.5 A
480 Vac
10 A
10 A
5 A
5 A
600 Vac
5 A
5 A
2.5 A
2.5 A
Maximum operating rate - 15 operations per minute.
NOTE: Same polarity each pole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com