Electronic Components Datasheet Search
  English  ▼

X  

MAX5486 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5486
Description  Stereo Volume Control with Pushbutton Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5486 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5486 Datasheet HTML 1Page - Maxim Integrated Products MAX5486 Datasheet HTML 2Page - Maxim Integrated Products MAX5486 Datasheet HTML 3Page - Maxim Integrated Products MAX5486 Datasheet HTML 4Page - Maxim Integrated Products MAX5486 Datasheet HTML 5Page - Maxim Integrated Products MAX5486 Datasheet HTML 6Page - Maxim Integrated Products MAX5486 Datasheet HTML 7Page - Maxim Integrated Products MAX5486 Datasheet HTML 8Page - Maxim Integrated Products MAX5486 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Stereo Volume Control with Pushbutton
Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, VSS = GND = 0, 2.7V
≤ (VDD - VSS) ≤ 5.5V, CBIASCAP = 1µF, BIAS = 3kΩ to GND, VLOGIC = +2.7V to VDD,
VH_ = VDD - 0.15V, VL_ = (VDD - VSS) / 2, SHDN = MUTE = VLOGIC, all LED outputs open, pushbutton interface inactive, VH = VBIAS
+ 1VRMS, VBIAS = (VDD - VSS) / 2, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
SHDN, MODE, MUTE, UP/BALL, and DN/BALR to
GND .................-0.3V to the lower of (VLOGIC + 0.3V and +6V)
H_, L_, W_, BIASCAP,
BIAS to GND .........-0.3V to the lower of (VDD + 0.3V and +6V)
LEDIND_, MODEIND to GND ...................................-0.3V to +6V
VLOGIC to GND.........................................................-0.3V to +6V
VDD to GND ..............................................................-0.3V to +6V
VDD to VLOGIC .............................................................-6V to +6V
GND to VSS...............................................................-0.3V to +6V
VDD to VSS ................................................................-0.3V to +6V
Average Current into H_, L_, and W_ .................................±1mA
Maximum Continuous Current into H_, L_ ..........................±4mA
Input and Output Latchup Immunity...............................±200mA
Continuous Power Dissipation (TA = +70°C)
24-Pin TSSOP (derate 8.3mW/°C above +70°C) ..........657mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Maximum Junction Temperature .....................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESISTOR LADDER
End-to-End Resistance
R
40
k
Ω
Absolute Tolerance
±0.25
dB
Tap-to-Tap Tolerance
(Note 2)
±0.1
dB
VOLUME CONTROL
VDD = 5V, VSS = 0, VH = (VDD / 2) + 1VRMS,
VL = VDD / 2, 1kHz, tap at top, RL = 10k
Ω to
VL = VDD / 2, 20Hz to 20kHz
0.003
VDD = 5V, VSS = 0, VH = (VDD / 2) + 1VRMS,
VL = VDD / 2, 1kHz, tap at top, RL =
∞Ω to
VL = VDD / 2, 20Hz to 20kHz
0.001
Total Harmonic Distortion Plus
Noise
THD+N
VDD = 5V, VSS = 0, VH = (VDD / 2) +
1.5VRMS, VL = VDD / 2, 1kHz, tap at top,
RL = 10k
Ω to VL = VDD / 2, 20Hz to 20kHz
0.012
%
Channel Isolation
VDD = +2.7V, VSS = -2.7V, VBIAS = GND
100
dB
Interchannel Matching
±0.5
dB
Mute Attenuation
SHDN = VDD
90
dB
Power-Supply Rejection Ratio
PSRR
Input referred, 217Hz, 100mVP-P on VDD
72
dB
H Terminal Capacitance
CH
5pF
L Terminal Capacitance
CL
7pF
End-to-End Resistance
Temperature Coefficient
35
ppm/°C
Ratiometric Resistance
Temperature Coefficient
5
ppm/°C
Bandwidth, -3dB
fCUTOFF
CW = 50pF
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com