Electronic Components Datasheet Search
  English  ▼

X  

MAX5486 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5486
Description  Stereo Volume Control with Pushbutton Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5486 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5486 Datasheet HTML 2Page - Maxim Integrated Products MAX5486 Datasheet HTML 3Page - Maxim Integrated Products MAX5486 Datasheet HTML 4Page - Maxim Integrated Products MAX5486 Datasheet HTML 5Page - Maxim Integrated Products MAX5486 Datasheet HTML 6Page - Maxim Integrated Products MAX5486 Datasheet HTML 7Page - Maxim Integrated Products MAX5486 Datasheet HTML 8Page - Maxim Integrated Products MAX5486 Datasheet HTML 9Page - Maxim Integrated Products MAX5486 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Stereo Volume Control with Pushbutton
Interface
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5.0V, VSS = GND = 0, VLOGIC = +5.0, VH_ = VDD - 0.15V, VL_ = VDD / 2, CBIASCAP = 1µF)
140
142
146
144
148
150
-40
10
-15
35
60
85
ACTIVE LOGIC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = VLOGIC = 5.5V
2.0
1.5
1.0
0.5
0
03
12
456
ACTIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
UP = 0
VLOGIC = 5.5V
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
0
-40
85
VDD = VLOGIC = 5.5V
UP = 0
SPECTRAL NOISE DENSITY
FREQUENCY (kHz)
10
1
0.1
50
100
150
200
250
300
0
0.01
100
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10
1
0.1
-140
-120
-100
-80
-60
-40
-20
0
-160
0.01
100
VDD = 2.7V, VSS = -2.7V, VLOGIC = 5V
W_SET TO 0dB, VHR = 1VRMS
VLR = VLL = VHL = 0V
500ns/div
DIGITAL FEEDTHROUGH
50
μV/div
WIPER
OUTPUT
MAX5486 toc15
2V/div
PUSHBUTTON
INPUT
0
20
40
60
80
100
120
140
160
2.5
3.5
3.0
4.0
4.5
5.0
5.5
LOGIC SUPPLY CURRENT
vs. LOGIC SUPPLY VOLTAGE
LOGIC SUPPLY VOLTAGE (V)
ACTIVE CURRENT
STANDBY CURRENT
LOGIC SUPPLY CURRENT
vs. LOGIC INPUT VOLTAGE
LOGIC INPUT VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
100
1000
10
05.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com