Electronic Components Datasheet Search
  English  ▼

X  

5B32 Datasheet(PDF) 4 Page - Analog Devices

Part # 5B32
Description  Single-Channel Signal Conditioning Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B32 Datasheet(HTML) 4 Page - Analog Devices

  5B32 Datasheet HTML 1Page - Analog Devices 5B32 Datasheet HTML 2Page - Analog Devices 5B32 Datasheet HTML 3Page - Analog Devices 5B32 Datasheet HTML 4Page - Analog Devices 5B32 Datasheet HTML 5Page - Analog Devices 5B32 Datasheet HTML 6Page - Analog Devices 5B32 Datasheet HTML 7Page - Analog Devices 5B32 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5B32
Rev. 0 | Page 4 of 8
Min Logic "1"
+2.5 V
Max Logic "1"
+36 V
Input Current "0"
0.4 mA
Power Supply Voltage
+5 V ±5%
Power Supply Current
30 mA
Power Supply Sensitivity, RTI
±2 µV/Vs%
Mechanical Dimensions
2.275" x 2.375" x 0.595"
(57.8 mm x 59.1 mm x 15.1 mm)
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity
0 to 93% @ +40°C noncondensing
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
1 Iz is the nominal input current that results in a 0 V output.
2 Includes the combined effects of repeatability, hysteresis, and nonlinearity and assumes RL > 50 k
Ω. Does not include current-to-voltage input resistor (AC1362) error.
3 The output common must be kept within ±3 V of power common.
4 Loads heavier than 50 k
Ω will degrade nonlinearity and gain temperature coefficient.
5 The current-to-voltage conversion resistor (AC1362) is supplied as a plug-in component for mounting external to the module. All backplanes and mounting cards provide pin
sockets for mounting the AC1362 resistor.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com