Electronic Components Datasheet Search
  English  ▼

X  

5B32 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B32
Description  Single-Channel Signal Conditioning Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B32 Datasheet(HTML) 3 Page - Analog Devices

  5B32 Datasheet HTML 1Page - Analog Devices 5B32 Datasheet HTML 2Page - Analog Devices 5B32 Datasheet HTML 3Page - Analog Devices 5B32 Datasheet HTML 4Page - Analog Devices 5B32 Datasheet HTML 5Page - Analog Devices 5B32 Datasheet HTML 6Page - Analog Devices 5B32 Datasheet HTML 7Page - Analog Devices 5B32 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B32
Rev. 0 | Page 3 of 8
5B32—SPECIFICATIONS
5B32 Specifications
Description
Model 5B32
Input Ranges
Standard Ranges
0 mA to 20 mA or 4 mA to 20 mA
Custom Ranges
0 mA to 20 mA (refer to ordering section)
Output Ranges (RL > 50 kΩ)
4
-5 V to +5 V or 0 V to +5 V
Accuracy2
Initial @ +25°C
±0.05% Span ±0.05% Iz1
Nonlinearity
±0.02% Span
Input Offset vs. Temperature
±0.0025 of Iz/°C
Output Offset vs. Temperature
±20 µV/°C
Gain vs. Temperature
±0.0025% of Reading/°C
Input Resistor5
Value
20.0
Ω
Accuracy
±0.1%
Stability vs. Temperature
±0.001%/°C
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
10 nA rms
Output, 100 kHz Bandwidth
200 µV rms
Bandwidth, -3 dB
4 Hz
Output Rise Time, 10% to 90% Span
200 ms
Common-Mode Voltage (CMV)3
Input-to-Output, Continuous
1500 V rms maximum
Output-to-Power, Continuous
±3 V maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
160 dB
Normal Mode Rejection 50/60 Hz
60 dB
Input Protection
Continuous
240 V rms maximum
Transient
ANSI/IEEE C37.90.1-1989
Output Resistance4
50
Ω
Voltage Output Protection
Continuous Short to Ground
Output Selection Time
6 µs @ Cload = 0 to 2,000 pF
Output Enable Control
Max Logic "0"
+1 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com