Electronic Components Datasheet Search
  English  ▼

X  

21FQ Datasheet(PDF) 3 Page - International Rectifier

Part # 21FQ
Description  SCHOTTKY RECTIFIER 30 Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

21FQ Datasheet(HTML) 3 Page - International Rectifier

  21FQ Datasheet HTML 1Page - International Rectifier 21FQ Datasheet HTML 2Page - International Rectifier 21FQ Datasheet HTML 3Page - International Rectifier 21FQ Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
21FQ... Series
3
PD-2.043 rev. D 12/97
www.irf.com
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC
Characteristics
.001
.01
.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45
R
125°C
100°C
75°C
50°C
25°C
ReverseVoltage-V (V)
T =150°C
J
.001
.01
.1
1
10
.00001
.0001
.001
.01
.1
1
10
100
D=0.33
D=0.50
D=0.25
D=0.17
D=0.08
1
t , RectangularPulseDuration(Seconds)
SinglePulse
(Thermal Resistance)
2
t
1
t
P
DM
Notes:
1. DutyfactorD= t / t
2. PeakT =P
xZ
+T
1
JDM
thJC
C
2
Fig.1-Maximum Forward Voltage Drop Characteristics
100
1000
10000
0
102030
4050
T =25°C
J
ReverseVoltage-V (V)
R
.1
1
10
100
1000
0
.1 .2.3.4.5.6 .7 .8 .9
1 1.1 1.2
FM
ForwardVoltageDrop-V
(V)
T =150°C
T =125°C
T = 25°C
J
J
J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com