Electronic Components Datasheet Search
  English  ▼

X  

21FQ Datasheet(PDF) 4 Page - International Rectifier

Part # 21FQ
Description  SCHOTTKY RECTIFIER 30 Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

21FQ Datasheet(HTML) 4 Page - International Rectifier

  21FQ Datasheet HTML 1Page - International Rectifier 21FQ Datasheet HTML 2Page - International Rectifier 21FQ Datasheet HTML 3Page - International Rectifier 21FQ Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21FQ... Series
4
PD-2.043 rev. D 12/97
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
Fig.5-Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig.6-Forward Power Loss Characteristics
Fig.7-Maximum Non-Repetitive Surge Current
115
125
135
145
155
0
5
10 15 20 25 30 35 40 45
DC
AverageForwardCurrent -I
(A)
F(AV)
21FQ
R
(DC)=1.25°C/W
thJC
0
5
10
15
20
25
0
5
10 15 20 25 30 35 40 45
DC
F(AV)
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50
RMSLimit
AverageForwardCurrent -I
(A)
100
1000
10000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com